Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73844 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP73844
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73844 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP73844 Datasheet HTML 3Page - Microchip Technology MCP73844 Datasheet HTML 4Page - Microchip Technology MCP73844 Datasheet HTML 5Page - Microchip Technology MCP73844 Datasheet HTML 6Page - Microchip Technology MCP73844 Datasheet HTML 7Page - Microchip Technology MCP73844 Datasheet HTML 8Page - Microchip Technology MCP73844 Datasheet HTML 9Page - Microchip Technology MCP73844 Datasheet HTML 10Page - Microchip Technology MCP73844 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2004 Microchip Technology Inc.
DS21823B-page 7
MCP73841/2/3/4
Note: Unless otherwise indicated, VDD = [VREG(Typ) + 1V], IOUT = 10 mA and TA= +25°C.
FIGURE 2-7:
Battery Regulation Voltage
(VBAT) vs. Charge Current (IOUT).
FIGURE 2-8:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-9:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-10:
Supply Current (ISS) vs.
Charge Current (IOUT).
FIGURE 2-11:
Supply Current (ISS) vs.
Supply Voltage (VDD).
FIGURE 2-12:
Supply Current (ISS) vs.
Supply Voltage (VDD).
8.390
8.392
8.394
8.396
8.398
8.400
8.402
8.404
8.406
8.408
10
100
1000
IOUT (mA)
+55°C
+25°C
-5°C
MCP73842-8.4V
VDD = 9.4 V
8.390
8.392
8.394
8.396
8.398
8.400
8.402
8.404
8.406
8.408
8.8
9.2
9.6
10
10.4 10.8 11.2 11.6
12
VDD (V)
+55°C
+25°C
-5°C
MCP73842-8.4V
IOUT = 1000 mA
8.390
8.392
8.394
8.396
8.398
8.400
8.402
8.404
8.406
8.408
8.8
9.2
9.6 10.0 10.4 10.8 11.2 11.6 12.0
VDD (V)
MCP73842-8.4V
IOUT = 10 mA
+55°C
+25°C
-5°C
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
10
100
1000
IOUT (mA)
+25°C
+85°C
-45°C
MCP73842-8.4V
VDD = 9.4 V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
8.8
9.2
9.6 10.0 10.4 10.8 11.2 11.6 12.0
VDD (V)
+25°C
+85°C
-45°C
MCP73842-8.4V
IOUT = 1000 mA
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
8.8
9.2
9.6 10.0 10.4 10.8 11.2 11.6 12.0
VDD (V)
MCP73842-8.4V
IOUT = 10 mA
-45°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com