Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73844 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP73844
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73844 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP73844 Datasheet HTML 12Page - Microchip Technology MCP73844 Datasheet HTML 13Page - Microchip Technology MCP73844 Datasheet HTML 14Page - Microchip Technology MCP73844 Datasheet HTML 15Page - Microchip Technology MCP73844 Datasheet HTML 16Page - Microchip Technology MCP73844 Datasheet HTML 17Page - Microchip Technology MCP73844 Datasheet HTML 18Page - Microchip Technology MCP73844 Datasheet HTML 19Page - Microchip Technology MCP73844 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MCP73841/2/3/4
DS21823B-page 16
 2004 Microchip Technology Inc.
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are thermal design and cost, which are
a direct function of the input voltage, output current and
thermal impedance between the external P-channel
pass transistor and the ambient cooling air. The worst-
case situation occurs when the device has transitioned
from the preconditioning phase to the constant-current
phase. In this situation, the P-channel pass transistor
has to dissipate the maximum power. A trade-off must
be made between the charge current, cost and thermal
requirements of the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 are
crucial to the integrity and reliability of the charging
system. The following discussion is intended to be a
guide for the component selection process.
6.1.1.1
Sense Resistor
The preferred fast charge current for Lithium-Ion cells
is at the 1C rate, with an absolute maximum current at
the 2C rate. For example, a 500 mAh battery pack has
a preferred fast charge current of 500 mA. Charging at
this rate provides the shortest charge cycle times
without degradation to the battery pack performance or
life.
The current sense resistor (RSENSE) is calculated by:
For the 500 mAh battery pack example, a standard
value 220 m
Ω, 1% resistor provides a typical fast
charge current of 500 mA and a maximum fast charge
current of 551 mA. Worst-case power dissipation in the
sense resistor is:
A Panasonic® ERJ-6RQFR22V, 220 mW, 1%, 1/8W
resistor in a standard 0805 package is more than
sufficient for this application.
A larger value sense resistor will decrease the fast
charge current and power dissipation in both the sense
resistor and external pass transistor, but will increase
charge cycle times. Design trade-offs must be
considered to minimize space while maintaining the
desired performance.
6.1.1.2
External Pass Transistor
The external P-channel MOSFET is determined by the
gate-to-source threshold voltage, input voltage, output
voltage and fast charge current. Therefore, the
selected P-channel MOSFET must satisfy the thermal
and electrical design requirements.
Thermal Considerations
The worst-case power dissipation in the external pass
transistor occurs when the input voltage is at the
maximum and the device has transitioned from the
preconditioning phase to the constant-current phase.
In this case, the power dissipation is:
Power dissipation with a 5V, ±10% input voltage
source, 220 m
Ω, 1% sense resistor is:
Utilizing a Fairchild™ NDS8434 or an International
Rectifier IRF7404 mounted on a 1in2 pad of 2 oz.
copper, the junction temperature rise is 75°C,
approximately. This would allow for a maximum
operating ambient temperature of 75°C.
By increasing the size of the copper pad, a higher
ambient temperature can be realized, or a lower value
sense resistor could be utilized.
Alternatively, different package options can be utilized
for more or less power dissipation. Again, design trade-
offs should be considered to minimize size while
maintaining the desired performance.
Electrical Considerations
The gate-to-source threshold voltage and RDSON of the
external P-channel MOSFET must be considered in the
design phase.
The worst-case VGS provided by the controller occurs
when the input voltage is at the minimum and the fast
charge current regulation threshold is at the maximum.
The worst-case VGS is:
RSENSE
VFCS
IREG
------------
=
Where:
IREG is the desired fast charge current.
PowerDissipation
220m
Ω 551mA
2
×
66.8mW
==
PowerDissipation
VDDMAX VPTHMIN
–
() IREGMAX
×
=
Where:
VDDMAX is the maximum input voltage.
IREGMAX is the maximum fast charge current.
VPTHMIN is the minimum transition threshold voltage.
PowerDissipation
5.5V 2.75V
–
() 551mA
×
1.52W
==
VGS
VDRVMAX
VDDMIN VFCSMAX )
–
(
–
=
Where:
VDRVMAX is the maximum sink voltage at the
VDRV output
VDDMIN is the minimum input voltage source
VFCSMAX is the maximum fast charge current
regulation threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com