Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMP384F22 Datasheet(PDF) 18 Page - World Produts Inc.

Part # PCMP384F22
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384F22 Datasheet(HTML) 18 Page - World Produts Inc.

Back Button PCMP384F22 Datasheet HTML 14Page - World Produts Inc. PCMP384F22 Datasheet HTML 15Page - World Produts Inc. PCMP384F22 Datasheet HTML 16Page - World Produts Inc. PCMP384F22 Datasheet HTML 17Page - World Produts Inc. PCMP384F22 Datasheet HTML 18Page - World Produts Inc. PCMP384F22 Datasheet HTML 19Page - World Produts Inc. PCMP384F22 Datasheet HTML 20Page - World Produts Inc. PCMP384F22 Datasheet HTML 21Page - World Produts Inc. PCMP384F22 Datasheet HTML 22Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
202
VRdc = 2500 V
VRac = 900 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 22.5
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.0010
0.0011
0.0012
0.0013
0.0015
0.0016
0.0018
0.0020
0.0022
0.0024
0.0027
0.0030
0.0033
0.0036
0.0039
0.0043
0.0047
0.0051
6.0 x 15.5 x 26.0
2.9
PCMP 384 02102
PCMP 384 02112
PCMP 384 02122
PCMP 384 02132
PCMP 384 02152
PCMP 384 02162
PCMP 384 02182
PCMP 384 02202
PCMP 384 02222
PCMP 384 02242
PCMP 384 02272
PCMP 384 02302
PCMP 384 02332
PCMP 384 02362
PCMP 384 02392
PCMP 384 02432
PCMP 384 02472
PCMP 384 02512
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.0056
0.0062
0.0068
0.0075
7.0 x 16.5 x 26.0
3.2
PCMP 384 02562
PCMP 384 02622
PCMP 384 02682
PCMP 384 02752
-
-
-
-
0.0082
0.0091
0.010
0.011
8.5 x 18.0 x 26.0
4.4
PCMP 384 02822
PCMP 384 02912
PCMP 384 02103
PCMP 384 02113
-
-
-
-
0.012
0.013
0.015
10.0 x 19.5 x 26.0
5.5
PCMP 384 02123
PCMP 384 02133
PCMP 384 02153
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com