Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMP384F22 Datasheet(PDF) 20 Page - World Produts Inc.

Part # PCMP384F22
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384F22 Datasheet(HTML) 20 Page - World Produts Inc.

Back Button PCMP384F22 Datasheet HTML 16Page - World Produts Inc. PCMP384F22 Datasheet HTML 17Page - World Produts Inc. PCMP384F22 Datasheet HTML 18Page - World Produts Inc. PCMP384F22 Datasheet HTML 19Page - World Produts Inc. PCMP384F22 Datasheet HTML 20Page - World Produts Inc. PCMP384F22 Datasheet HTML 21Page - World Produts Inc. PCMP384F22 Datasheet HTML 22Page - World Produts Inc. PCMP384F22 Datasheet HTML 23Page - World Produts Inc. PCMP384F22 Datasheet HTML 24Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
204
RATINGS AND CHARACTERISTICS
Unless otherwise specified all electrical values apply at an ambient temperature of 23±1
oC, an atmospheric
pressure of 86 to 106 kPa and a relative humidity of 50±2%.
For reference testing a conditioning period shall be applied of 96±4 hours by heating the products in a
circulating air oven at the rated temperature and a relative humidity not exceeding 20%.
CHARACTERISTICS
●
Test Voltage
. Test Voltage ( between leads ) : 1.6 x VRdc, 1min (cut-off current 10mA)
. Test Voltage ( between leads and Case ) : 2840 Vdc, 1min
●
Dissipation Factor
Tangent of loss angle ( x 10
-4 )
Rated voltage
Capacitance
Pitch
10 KHz
100 KHz
C ≤ 0.082㎌
10.0mm
≤
5
≤
15
0.068㎌ ≤ C ≤ 0.33㎌
15.0mm
≤
5
≤
25
250 V (VRac = 125V
~)
0.33 ㎌ < C ≤ 1.0㎌
22.5mm
≤
5
≤
45
C ≤ 0.047㎌
10.0mm
≤
5
≤
15
0.033㎌ < C ≤ 0.22㎌
15.0mm
≤
5
≤
20
400 V (VRac = 220V
~)
0.22 ㎌ ≤ C ≤ 0.47㎌
22.5mm
≤
10
≤
40
C ≤ 0.030㎌
10.0mm
≤
5
≤
15
0.030㎌ ≤ C ≤ 0.15㎌
15.0mm
≤
5
≤
15
630 V
(VRac = 250V
~, mini)
0.15 ㎌ < C ≤ 0.27㎌
22.5mm
≤
8
≤
20
C ≤ 0.1㎌
15.0mm
≤
5
≤
15
630 V (VRac = 250V
~, old)
0.1 ㎌ < C ≤ 0.22 ㎌
22.5mm
≤
8
≤
20
C ≤ 0.018㎌
10.0mm
≤
4
≤
12
0.018㎌ < C ≤ 0.1㎌
15.0mm
≤
5
≤
15
0.1㎌ ≤ C ≤ 0.33㎌
22.5mm
≤
8
≤
25
630 V (VRac = 400V
~)
0.24㎌ ≤ C
27.5mm
≤
10
≤
40
800V (VRac = 450V
~)
C ≤ 0.091㎌
15.0mm
≤
5
≤
15
C ≤ 0.027㎌
15.0mm
≤
4
≤
15
1000 V (VRac = 450V
~)
0.012㎌ ≤C ≤ 0.039㎌
22.5mm
≤
6
≤
20
C ≤ 0.0068㎌
10.0mm
≤
4
≤
15
0.0022㎌ ≤ C ≤ 0.039㎌
15.0mm
≤
6
≤
20
0.039 ㎌ < C ≤ 0.1㎌
22.5mm
≤
8
≤
25
1000 V (VRac = 500V
~)
0.11㎌ ≤ C
27.5mm
≤
10
≤
30
C ≤ 0.047㎌
15.0mm
≤
6
≤
15
1250V (VRac = 550V
~)
0.051㎌ ≤ C
22.5mm
≤
8
≤
25
C ≤ 0.018㎌
15.0mm
≤
5
≤
15
0.0056㎌ ≤C ≤ 0.047㎌
22.5mm
≤
5
≤
20
1600 V (VRac = 630V
~)
0.039㎌ ≤ C
27.5mm
≤
10
≤
25
C ≤ 0.015㎌
15.0mm
≤
5
≤
15
2000 V ( VRac = 680V
~)
0.0051㎌ ≤C ≤ 0.024㎌
22.5mm
≤
5
≤
20
2000 V ( VRac = 700V
~)
C ≤ 0.01㎌
15.0mm
≤
5
≤
15
2500 V ( VRac = 900V
~)
C ≤ 0.015㎌
22.5mm
≤
5
≤
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com