Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMP384F22 Datasheet(PDF) 23 Page - World Produts Inc.

Part # PCMP384F22
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384F22 Datasheet(HTML) 23 Page - World Produts Inc.

Back Button PCMP384F22 Datasheet HTML 18Page - World Produts Inc. PCMP384F22 Datasheet HTML 19Page - World Produts Inc. PCMP384F22 Datasheet HTML 20Page - World Produts Inc. PCMP384F22 Datasheet HTML 21Page - World Produts Inc. PCMP384F22 Datasheet HTML 22Page - World Produts Inc. PCMP384F22 Datasheet HTML 23Page - World Produts Inc. PCMP384F22 Datasheet HTML 24Page - World Produts Inc. PCMP384F22 Datasheet HTML 25Page - World Produts Inc. PCMP384F22 Datasheet HTML 26Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
207
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
10
2
10
3
10
1
AC Voltage
(V)
f(Hz)
AC voltage (RMS value) as a function of frequency
at Tamb ≤85℃ for VRdc=630V (Mini Type)
47nF
270nF
10
5
10
2
10
3
10
6
10
4
10
7
10
2
10
3
10
1
AC Voltage
(V)
f(Hz)
AC voltage (RMS value) as a function of frequency
at Tamb ≤85℃ for VRdc=250V
470nF
100nF
10
5
10
2
10
3
10
6
10
4
10
7
10
2
10
3
10
5
10
1
10
2
10
3
AC Voltage
(V)
f(Hz)
AC voltage (RMS value) as a function of frequency
at Tamb ≤85℃ for VRdc=400V
47nF
220nF
470nF
10
6
10
4
10
7
10
2
10
3
10
1
AC Voltage
(V)
f(Hz)
AC voltage (RMS value) as a function of frequency
at Tamb ≤85℃ for VRdc=630V (VRac=400V)
47nF
270nF
10
5
10
2
10
3
10
6
10
4
10
7
10
2
10
3
10
5
10
1
10
2
10
3
AC Voltage
(V)
AC voltage (RMS value) as a function of frequency
at Tamb ≤85℃ for VRdc=800V
10
4
10
6
22nF
47nF
f(Hz) 10
7
10
2
10
3
10
5
10
1
10
2
10
3
AC Voltage
(V)
f(Hz)
AC voltage (RMS value) as a function of frequency
at Tamb ≤85℃ for VRdc=1000V (Mini Type)
10
4
10
6
10
7
4.7nF
22nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com