Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMP384F22 Datasheet(PDF) 22 Page - World Produts Inc.

Part # PCMP384F22
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384F22 Datasheet(HTML) 22 Page - World Produts Inc.

Back Button PCMP384F22 Datasheet HTML 18Page - World Produts Inc. PCMP384F22 Datasheet HTML 19Page - World Produts Inc. PCMP384F22 Datasheet HTML 20Page - World Produts Inc. PCMP384F22 Datasheet HTML 21Page - World Produts Inc. PCMP384F22 Datasheet HTML 22Page - World Produts Inc. PCMP384F22 Datasheet HTML 23Page - World Produts Inc. PCMP384F22 Datasheet HTML 24Page - World Produts Inc. PCMP384F22 Datasheet HTML 25Page - World Produts Inc. PCMP384F22 Datasheet HTML 26Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
206
THE GRAPHS OF CHARACTERISTICS
0
20
100
Tamb(℃)
40
60
80
10
5
10
4
RC
(S)
10
6
RC product as a function for ambient temperature ; typical curve
10
0
10
1
10
2
10
3
dissipation
factor
(x 10
-4)
10
3
10
2
10
5
10
4
10
6
Tangent of loss angle as a function of frequency ; typical curves
Impedence as a function of frequency ; typical curves
10
2
2.2㎌
10
-1
10
1
10
0
10
-2
10
4
10
-3
10
6
10
5
10
7
10
8
impedance
(Ω)
1.0㎌
100nF
10nF
1.0nF
C/C
(%)
C5pacitance change at 1kHz as a function of ambient temperature
0
l
4
2
-2
-4
-50
0
50
100
Tamb(C)
max.
min.
typica
-6
-55
-20
0
20
100
Tamb (℃)
△
T
(℃)
12
10
8
6
4
2
0
-40
40
60
Maximum allowed component temperature rise (ΔT)
80
-55
-20
0
20
100
Tamb (℃)
factor
1.2
1.0
0.8
0.6
0.4
0.2
-40
40
60
80
Multiplying factor for DC and AC voltage as a function of temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com