Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGS-P9160M2 Datasheet(PDF) 7 Page - ORing Industrial Networking Corp

Part # RGS-P9160M2
Description  Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-P9160M2 Datasheet(HTML) 7 Page - ORing Industrial Networking Corp

  RGS-P9160M2 Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 7Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 8Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.2a Oct, 2017
cord
RGS-P9160GFM2-HV_JP
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
with 16x1000Base-X and 1 switch module slot, high-voltage power inputs, JP power
cord
RGS-P9160FXM2-LV
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
with 16x100Base-FX and 1 switch module slot, low-voltage power inputs
RGS-P9160FXM2-HV_US
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
with 16x100Base-FX and 1 switch module slot, high-voltage power inputs, US power
cord
RGS-P9160FXM2-HV_UK
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
with 16x100Base-FX and 1 switch module slot, high-voltage power inputs, UK power
cord
RGS-P9160FXM2-HV_EU
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
with 16x100Base-FX and 1 switch module slot, high-voltage power inputs, EU power
cord
RGS-P9160FXM2-HV_JP
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
with 16x100Base-FX and 1 switch module slot, high-voltage power inputs, JP power
cord
Packing List
O
Optional Accessories
O
RGS-P9160GC/GF/FXM2-LV/HV x 1
ORing Tool CD x 1
Quick Installation Guide x 1
Rack-mount Kit x 1
Power Cable x 1
Console Cable x 1
Open-Vision M500 : Powerful Network Management Windows Utility Suit, 500 IP devices
SFP 1G series : 1Gbps SFP optical transceiver
SFP 10G series : 10Gbps SFP+ optical transceiver
DR-45 series : 45 Watts DIN-Rail power supply (Only for –E model)
DR-75 series : 75 Watts DIN-Rail power supply (Only for –E model)
DR-120 series : 120 Watts DIN-Rail power supply (Only for –E model)
Optional Module



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com