Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGS-P9160M2 Datasheet(PDF) 5 Page - ORing Industrial Networking Corp

Part # RGS-P9160M2
Description  Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-P9160M2 Datasheet(HTML) 5 Page - ORing Industrial Networking Corp

  RGS-P9160M2 Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 7Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 8Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.2a Oct, 2017
*Note: This function is available by request only
O-Chain
MRP*Note
Fast Recovery
MSTP (RSTP/STP compatible)
RS-232 Serial Console Port
RS-232 in DB-9 connector with console cable. 115200bps, 8, N, 1
LED indicators
System Ready Indicator (PWR)
Green : Indicates that the system ready. The LED is blinking when the system is upgrading firmware
Power Indicator (PWR1 / PWR2)
Green : Power LED x 2
Ring Master Indicator (R.M.)
Green : Indicates that the system is operating in O-Ring Master mode
O-Ring Indicator (Ring)
Green : Indicates that the system operating in O-Ring mode
Green Blinking : Indicates that the Ring is broken.
Fault Indicator (Fault)
Amber : Indicate unexpected event occurred
Reset To Default Running Indicator
(DEF)
Green : System resets to default configuration
Supervisor Login Indicator (RMT)
Green : System is accessed remotely
Fault contact
Relay
Relay output to carry capacity of 3A at 30VDC
Power
Power Input
Dual 24/48VDC (24~72VDC) power inputs at terminal
block
Dual 100~240VAC / 100~370VDC power inputs at
terminal block
Power consumption (Typ.)
40
TBD
TBD
39
TBD
TBD
Overload current protection
Present
Reverse Polarity Protection
Present
Physical Characteristic
Enclosure
19 inches rack mountable
Dimension (W x D x H)
440 (W) x 325 (D) x 44 (H) mm (17.32x12.8x1.73 inch)
Weight (g)
4,787g
4,524g
4,524g
4,823g
4,560g
4,560g
Environmental
Storage Temperature
-40 to 85oC (-40 to 185oF)
Operating Temperature
10G SFP+ module absent : -40 to 85oC
10G SFP+ module used: -20 to 60 oC
Operating Humidity
5% to 95% Non-condensing
Regulatory approvals
EMC
CE EMC (EN 55024, EN 55032), FCC Part 15 B, IEC 61850-3(pending), IEEE 1613 (pending)
EMI
EN 55032, CISPR32, EN 61000-3-2, EN 61000-3-3, FCC Part 15 B class A
EMS
EN 55024 (IEC/EN 61000-4-2 (ESD), IEC/EN 61000-4-3 (RS),IEC/EN 61000-4-4 (EFT),
IEC/EN 61000-4-5 (Surge), IEC/EN 61000-4-6 (CS), IEC/EN 61000-4-8(PFMF), IEC/EN 61000-4-11 (DIP))
Shock
IEC 60068-2-27
Free Fall
IEC 60068-2-31
Vibration
IEC 60068-2-6
Safety
EN 60950-1
Other
IEC 61850-3(pending), IEEE 1613 (pending)
MBTF
287,351 hrs
TBD
TBD
359,407 hrs
TBD
TBD
Warranty
5 years



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com