Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGS-P9160M2 Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # RGS-P9160M2
Description  Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-P9160M2 Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  RGS-P9160M2 Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 7Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 8Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.2a Oct, 2017
Features
Designed for power substation application and fully compliant with the requirement of IEC 61850-3 and IEEE 1613
Supports O-Ring (recovery time < 30ms) and MSTP(RSTP/STP compatible) for Ethernet Redundancy
O-Chain allow multiple redundant network rings
Supports standard IEC 62439-2 MRP*NOTE (Media Redundancy Protocol) function
Provided one switch module slot for extend switch port
Supports IEEE 1588v2 clock Synchronization
Supports IPV6 new internet protocol version
Supports IEEE 802.3az Energy-Efficient Ethernet technology
Provided HTTPS/SSH protocol to enhance network security
Supports SMTP client and SNTP server protocol
Supports IP-based bandwidth management
Supports application-based QoS management
Supports Device Binding security function
Supports DOS/DDOS auto prevention
IGMP v2/v3 (IGMP snooping support) for filtering multicast traffic
Supports SNMP v1/v2c/v3 & RMON & 802.1Q VLAN Network Management
Supports ACL, TACACS+ and 802.1x User Authentication for security
Supports 10K Bytes Jumbo Frame
Supports DBU-01 backup unit to quickly backup/restore configuration
Multiple notification for warning of unexpected event
Web-based ,Telnet, Console (CLI), and Windows utility (Open-Vision) configuration
Support LLDP Protocol
19 inches rack mountable design
*NOTE: This function is available by request only
RGS-P9160M2 Series
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
with 16xGigabit combo ports/1000Base-X/100Base-FX and 1 switch module slot


Similar Part No. - RGS-P9160M2

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-P9160M1 ORING-RGS-P9160M1 Datasheet
666Kb / 11P
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
More results

Similar Description - RGS-P9160M2

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-9844GPF ORING-IGS-9844GPF Datasheet
2Mb / 6P
Industrial 16-port managed Gigabit Ethernet switch
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-P9160M1 ORING-RGS-P9160M1 Datasheet
666Kb / 11P
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
Industrial IEC 61850-3 10-port managed Ethernet switch
RDS-P3000 ORING-RDS-P3000 Datasheet
297Kb / 5P
Industrial IEC 61850-3 modular rack mount Device Server
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com