Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3492AMDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3492AMDREP
Description  1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3492AMDREP Datasheet(HTML) 2 Page - Texas Instruments

  TLV3492AMDREP Datasheet HTML 1Page - Texas Instruments TLV3492AMDREP Datasheet HTML 2Page - Texas Instruments TLV3492AMDREP Datasheet HTML 3Page - Texas Instruments TLV3492AMDREP Datasheet HTML 4Page - Texas Instruments TLV3492AMDREP Datasheet HTML 5Page - Texas Instruments TLV3492AMDREP Datasheet HTML 6Page - Texas Instruments TLV3492AMDREP Datasheet HTML 7Page - Texas Instruments TLV3492AMDREP Datasheet HTML 8Page - Texas Instruments TLV3492AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
TLV3492
-In
V-
V-
-In A
V-
-InB
-In A
-InB
-InD
V-
-InC
TLV3491A-EP, TLV3492A-EP, TLV3494A-EP
SGDS035 – DECEMBER 2007
VALUE
UNIT
Supply Voltage
5.5
V
Voltage(2)
(V–) – 0.5 to (V+) + 0.5
V
Signal Input Terminals
Current(2)
±10
mA
Output Short-Circuit(3)
Continuous
Operating Temperature
–55 to 125
°C
Storage Temperature
–65 to 150
°C
Junction Temperature
150
°C
Lead Temperature (soldering, 10s)
300
°C
ESD Rating (Human Body Model)
3000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input terminals are diode clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails should
be current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
PIN CONFIGURATIONS
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TLV3491A-EP TLV3492A-EP TLV3494A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com