Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3492AMDREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3492AMDREP
Description  1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3492AMDREP Datasheet(HTML) 5 Page - Texas Instruments

  TLV3492AMDREP Datasheet HTML 1Page - Texas Instruments TLV3492AMDREP Datasheet HTML 2Page - Texas Instruments TLV3492AMDREP Datasheet HTML 3Page - Texas Instruments TLV3492AMDREP Datasheet HTML 4Page - Texas Instruments TLV3492AMDREP Datasheet HTML 5Page - Texas Instruments TLV3492AMDREP Datasheet HTML 6Page - Texas Instruments TLV3492AMDREP Datasheet HTML 7Page - Texas Instruments TLV3492AMDREP Datasheet HTML 8Page - Texas Instruments TLV3492AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
PROPAGATIONDELAY(t
PLH)vsCAPACITIVELOAD
0.01
CapacitiveLoad(nF)
1
10
0.1
100
1k
80
70
60
50
40
30
20
10
0
V
DD =1.8V
V
DD =5V
V
DD =3V
PROPAGATIONDELAY(t
PHL)vsCAPACITIVELOAD
0.01
CapacitiveLoad(nF)
1
10
0.1
100
1k
80
70
60
50
40
30
20
10
0
V
DD =5V
V
DD =3V
V
DD =1.8V
PROPAGATION DELAY (t
PLH) vs INPUT OVERDRIVE
0
InputOverdrive(mV)
40
50
60
10
20
30
70
90
80
100
20
18
16
14
12
10
8
6
4
V
DD =5V
V
DD =3V
V
DD =1.8V
PROPAGATION DELAY (t
PHL) vs INPUT OVERDRIVE
0
InputOverdrive(mV)
40
50
60
10
20
30
70
90
80
100
20
18
16
14
12
10
8
6
4
V
DD =1.8V
V
DD =5V
V
DD =3V
PROPAGATIONDELAY(t
PLH)vsTEMPERATURE
–
50
Temperature( °C)
25
50
–
25
0
75
100
125
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
V
DD =1.8V
V
DD =3V
V
DD =5V
PROPAGATIONDELAY(t
PHL)vsTEMPERATURE
Temperature(° C)
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
V
DD =1.8V
V
DD =5V
V
DD =3V
–
50
25
50
–
25
0
75
100
125
TLV3491A-EP, TLV3492A-EP, TLV3494A-EP
SGDS035 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = 1.8 V to 5.5 V, and Input Overdrive = 100 mV, unless otherwise noted.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV3491A-EP TLV3492A-EP TLV3494A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com