Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3492AMDREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3492AMDREP
Description  1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3492AMDREP Datasheet(HTML) 3 Page - Texas Instruments

  TLV3492AMDREP Datasheet HTML 1Page - Texas Instruments TLV3492AMDREP Datasheet HTML 2Page - Texas Instruments TLV3492AMDREP Datasheet HTML 3Page - Texas Instruments TLV3492AMDREP Datasheet HTML 4Page - Texas Instruments TLV3492AMDREP Datasheet HTML 5Page - Texas Instruments TLV3492AMDREP Datasheet HTML 6Page - Texas Instruments TLV3492AMDREP Datasheet HTML 7Page - Texas Instruments TLV3492AMDREP Datasheet HTML 8Page - Texas Instruments TLV3492AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TLV3491A-EP, TLV3492A-EP, TLV3494A-EP
SGDS035 – DECEMBER 2007
At TA = 25°C, and VS = 1.8 V to 5.5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
25
°C
±3
±15
Input Offset Voltage
VOS
VCM = 0V, IO = 0mA
mV
Full Range
±25
vs Temperature
dVOS/dT
TA = –55°C to 125°C
±12
µV/°C
25
°C
350
1000
vs Power Supply
PSRR
VS = 1.8 V to 5.5 V
µV/V
Full Range
1600
INPUT BIAS CURRENT
25
°C
±1
±50
Input Bias Current
IB
VCM = VCC/2
pA
Full Range
±1600
25
°C
±1
±50
Input Offset Current
IOS
VCM = VCC/2
pA
Full Range
±200
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.2
(V+) + 0.2
V
25
°C
60
74
VCM = –0.2 V to (V+) – 1.5 V
Full Range
55
Common-Mode Rejection Ratio
CMRR
dB
25
°C
54
62
VCM = –0.2 V to (V+) + 0.2 V
Full Range
50
INPUT CAPACITANCE
Common-Mode
2
pF
Differential
4
pF
SWITCHING CHARACTERISTICS
Input Overdrive = 10 mV
12
µs
Propagation Delay Time,
f = 10 kHz,
t(PLH)
Low-to-High
VSTEP = 1 V
Input Overdrive = 100 mV
6
µs
Input Overdrive = 10 mV
13.5
µs
Propagation Delay Time,
f = 10 kHz,
t(PHL)
High-to-Low
VSTEP = 1 V
Input Overdrive = 100 mV
6.5
µs
Rise Time
tR
CL = 10 pF
100
ns
Fall Time
tF
CL = 10 pF
100
ns
OUTPUT
Voltage Output High from Rail
VOH
VS = 5 V, IOUT = -5 mA
Full Range
90
300
mV
Voltage Output Low from Rail
VOL
VS = 5 V, IOUT = 5 mA
Full Range
160
300
mV
Short-Circuit Current
ISC
See Typical Characteristics
POWER SUPPLY
Specified Voltage Range
VS
1.8
5.5
V
25
°C
0.85
1.2
Quiescent Current(2)
IQ
Vs = 5.5 V, VO = High
µA
Full Range
2.1
TEMPERATURE RANGE
Specified Range
TA
–55
125
°C
Storage Range
–65
150
°C
Thermal Resistance,
θ
JA
SO-8
165
°C/W
SO-14
133
°C/W
(1)
Full Range is -55
°C to 125°C.
(2)
IQ per channel.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV3491A-EP TLV3492A-EP TLV3494A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com