Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3492AMDREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3492AMDREP
Description  1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3492AMDREP Datasheet(HTML) 4 Page - Texas Instruments

  TLV3492AMDREP Datasheet HTML 1Page - Texas Instruments TLV3492AMDREP Datasheet HTML 2Page - Texas Instruments TLV3492AMDREP Datasheet HTML 3Page - Texas Instruments TLV3492AMDREP Datasheet HTML 4Page - Texas Instruments TLV3492AMDREP Datasheet HTML 5Page - Texas Instruments TLV3492AMDREP Datasheet HTML 6Page - Texas Instruments TLV3492AMDREP Datasheet HTML 7Page - Texas Instruments TLV3492AMDREP Datasheet HTML 8Page - Texas Instruments TLV3492AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
QUIESCENT CURRENT vs TEMPERATURE
–
50
Temperature( °C)
0
–
25
50
75
25
100
125
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
V
DD =5V
V
DD =1.8V
V
DD =3V
QUIESCENTCURRENT
vsOUTPUTSWITCHINGFREQUENCY
1
OutputTransitionFrequency(Hz)
100
10
1k
10k
100k
12
10
8
6
4
2
0
V
S =5V
V
S =3V
V
S =1.8V
SHORT-CIRCUITCURRENTvsSUPPLYVOLTAGE
1.5
SupplyVoltage(V)
3
Sink
Source
3.5
2
2.5
4
4.5
5
5.5
140
120
100
80
60
40
20
0
INPUTBIASCURRENTvsTEMPERATURE
–50
Temperature( °C)
25
50
–25
0
75
100
125
45
40
35
30
25
20
15
10
5
0
–5
OUTPUTLOWvsOUTPUTCURRENT
0
OutputCurrent(mA)
4
6
2
V
DD =5V
8
10
12
0.25
0.2
0.15
0.1
0.05
0
V
DD =3V
V
DD =1.8V
OUTPUT HIGH vs OUTPUT CURRENT
0
OutputCurrent(mA)
4
6
2
8
10
12
0.25
0.2
0.15
0.1
0.05
0
V
DD =5V
V
DD =3V
V
DD =1.8V
TLV3491A-EP, TLV3492A-EP, TLV3494A-EP
SGDS035 – DECEMBER 2007
At TA = 25°C, VS = 1.8 V to 5.5 V, and Input Overdrive = 100 mV, unless otherwise noted.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TLV3491A-EP TLV3492A-EP TLV3494A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com