Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120V9 Datasheet(PDF) 316 Page - STMicroelectronics

Part # ST92F120V9
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9 Datasheet(HTML) 316 Page - STMicroelectronics

Back Button ST92F120V9 Datasheet HTML 312Page - STMicroelectronics ST92F120V9 Datasheet HTML 313Page - STMicroelectronics ST92F120V9 Datasheet HTML 314Page - STMicroelectronics ST92F120V9 Datasheet HTML 315Page - STMicroelectronics ST92F120V9 Datasheet HTML 316Page - STMicroelectronics ST92F120V9 Datasheet HTML 317Page - STMicroelectronics ST92F120V9 Datasheet HTML 318Page - STMicroelectronics ST92F120V9 Datasheet HTML 319Page - STMicroelectronics ST92F120V9 Datasheet HTML 320Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 324 page
background image
316/324
ST92F120 - SUMMARY OF CHANGES
Page
8
9
- Changed the picture as follows:
. Added in RCCU output signals the new: CLOCK2/8
. Removed from A/D conv. block the labels "zad"
. Duplicated A/D block like at page 6 (same input signals)
. Added RWN in the CPU signals (bold/no italic) leaving the italic one
replaced INT3:0 by INT 6:0
- For consistency with block diagram:
ASN instead of AS+overbar
DSN instead of DS+overbar
RWN instead of R/W+overbar on W
RESETN instead of RESET+overbar
HW0SW1 instead of HW0_SW1
ST92E120 twice replaced with ST92E120/F120
Inside ASN item (at the end) removed the last sentence "Under program.."
Inside DSN item (at the end) removed the last sentence "It can be..."
Inside RWN item (at the end) removed the last sentence "It can be..."
Added: "On QFP100 version, RWN is also available as true pin."
VDD item: Added "Two internally connected pins are available"
VSS item: Added description "Two internally connected pins are available"
Added a new item for VPP:
VPP. High voltage Power Supply for Eprom memory (only on ST92E120; on
ST92F120 the pin is not connected).
P2.0...P9.7 item: highlighted that on QFP80, only
P8.0-P8.1 is available and P9 is not available at all
Rev.
Page Section
Main changes
Date
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com