Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120V9 Datasheet(PDF) 319 Page - STMicroelectronics

Part # ST92F120V9
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9 Datasheet(HTML) 319 Page - STMicroelectronics

Back Button ST92F120V9 Datasheet HTML 315Page - STMicroelectronics ST92F120V9 Datasheet HTML 316Page - STMicroelectronics ST92F120V9 Datasheet HTML 317Page - STMicroelectronics ST92F120V9 Datasheet HTML 318Page - STMicroelectronics ST92F120V9 Datasheet HTML 319Page - STMicroelectronics ST92F120V9 Datasheet HTML 320Page - STMicroelectronics ST92F120V9 Datasheet HTML 321Page - STMicroelectronics ST92F120V9 Datasheet HTML 322Page - STMicroelectronics ST92F120V9 Datasheet HTML 323Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 324 page
background image
319/324
ST92F120 - SUMMARY OF CHANGES
1.4
10
10
11
15
16
17
19
20
22
24
25
66
70
Replaced ST9_DDC by ST9 I2C macrocell. Updated ST9_FEE, ST9_DMA,
ST9MFT, ST9_WUIMU macrocells to new rev levels. Removed references to DDC
throughout document
Removed WKU3, ICAPB1, ICAPA0
Removed ICAPA0
Added footnote **ST92F120 only. Removed P6.6, 4.1 and 3.1. Added WKUP”**,
ICAPB1** and ICAPA0**. Inserted VDD VSS on pins 11,12 and 54,55 Swapped
VDD/VSS on pins 76,75
Added footnote **ST92F120 only. Removed P6.6, 4.1 and 3.1. Added *to WKUP3/
P6.7, ICAPB1/P4.1 . Added WKUP”**, ICAPB1** and ICAPA0** Inserted 2x VDD
VSS Swapped VDD/VSS on pins 93,92
Added 2x VDD/VSS to table 1
Removed P3.0
Removed P6.6. Moved WKUP3 from P6.7 to P7.4
Added 2x VDD/VSS to table 3
Added ICAPA0 to P3.2. Removed P3.0. Moved ICAPB1 from P4.1 to P4.3
Moved WKUP 3 from P6.7 to 7.4. Removed P6.6
Changed DDC to I2C
Changed DDC to I2C. Changed I2C register names
02/06/98
1.5
5,7
6,8
9
19
20
21-22
247
Removed P3.0, P4.1, P6.7, P6.6
Removed P3.0, P6.6
Updated list of I/O lines
Changed P3.2 to Input
Changed P3.7 to YES Weak Pull-up
Changed P4.4 to NO Weak Pull-up
Changed P4.5 to YES Weak Pull-up
Changed P5.2 to NO Weak Pull-up
Changed P5.3 to YES Weak Pull-up
Changed P5.7 to NO Weak Pull-up
Table format problem corrected
In VOL item, replaced IOH by IOL.
2/18/98
1.6
1,4
9
10
11
14
15
16
19
20
65,67
Changed total I/O pins to 62 and 78. Changed 30MHz to 25MHz
Added paragraph on EMC features
Removed comment "ST92F120 only"
Removed comment "ST92F120 only" and removed ICAPB1 from P4.1 and WKUP3
from P6.7
Added ICAPA0 to P3.2 and ICAPB1 to P4.3 removed ICAPB1 from P4.1
Change P6.4 removed hi hys note from Schmitt Trigger. Removed WKUP3 from
P6.7
Added WKUP3 To P7.4
SDAI/SDAO renamed SDA, SCLI/SCLO renamed SCL. Added note 1 to Schmitt
Trigger
Added note 2 to Schmitt Trigger P6.4
Changed Wakeup register mapping to page 59
Rev.
Page Section
Main changes
Date
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com