Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120V9 Datasheet(PDF) 317 Page - STMicroelectronics

Part # ST92F120V9
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9 Datasheet(HTML) 317 Page - STMicroelectronics

Back Button ST92F120V9 Datasheet HTML 313Page - STMicroelectronics ST92F120V9 Datasheet HTML 314Page - STMicroelectronics ST92F120V9 Datasheet HTML 315Page - STMicroelectronics ST92F120V9 Datasheet HTML 316Page - STMicroelectronics ST92F120V9 Datasheet HTML 317Page - STMicroelectronics ST92F120V9 Datasheet HTML 318Page - STMicroelectronics ST92F120V9 Datasheet HTML 319Page - STMicroelectronics ST92F120V9 Datasheet HTML 320Page - STMicroelectronics ST92F120V9 Datasheet HTML 321Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 324 page
background image
317/324
ST92F120 - SUMMARY OF CHANGES
10
11
12
16
17
23
Added alternate functions to pin labels. Swapped OSCIN OSCOUT
Put a note saying:" NC = Not Connected (no physical bonding wire)"
Same as Page 10. Shifted labelling on pins 1-8, 100 and 73-81.
Two extra tables inserted before the AF table. The first table is the list of Power
Supply pins with reference to the package.
The second is the dedicated pins table (ASN/DSN/RWN/RESET/OSCIN/OSCOUT
/HW0SW1...).
In AF table: WPU in the header substituted with "Weak Pull-up".
AF table duplicated: the first for ST92E120 and the second
for ST92F120. The same done for Power Supply and dedicated pins tables.
P21: TIMPB0: replaced with TINPB0
P23:"Output A": replaced with "Output B"
P25: TIMPB1: replaced with TINPB1
P46: Cleared the cells where "SDAI" and "DDC - I2C Input Data"
Replaced "SDAO" with "SDAI/SDAO
Replaced "O" with "I/O"
Replaced "DDC - I2C Data Output" with "DDC - I2C Data"
P64: Replaced "SCHMITT TRIGGER" with "HIGH HYST. S.T."
In the table of F120 only:
P22: Replaced YES with NO
P23: Replaced YES with NO
In AF table, added new column giving the conf. after reset.
For E120 table, filled up all cells (one for each Pxy item), with BID-WPU.
For F120 table, filled up P8.2-P8.7 and P9 cells with BID-WPU; all the others are
INPUT.
P6.0: added CLOCK2/8
P6.1: replaced INT1 by INT6
P7.-P7.7 and P8.0-P8.7 Removed names in brackets and added ADC0 and ADC1
to descriptions
4.5 Added A/D0 and A/D 1 ext trigger
Removed Note about Port0 and Port1
- "Internal Weak Pull-up" section.
Removed the first sentence: "The internal ... 57 kohm."
"TTL/CMOS Input" section.
Added a cross ref to the current paragraph 9.4 (INPUT/OUTPUT BIT CONFI-
GURATION) at the end of the paragraph:
Rev.
Page Section
Main changes
Date
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com