Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS62180B Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS62180B
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180B Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS62180B Datasheet HTML 20Page - Cirrus Logic CS62180B Datasheet HTML 21Page - Cirrus Logic CS62180B Datasheet HTML 22Page - Cirrus Logic CS62180B Datasheet HTML 23Page - Cirrus Logic CS62180B Datasheet HTML 24Page - Cirrus Logic CS62180B Datasheet HTML 25Page - Cirrus Logic CS62180B Datasheet HTML 26Page - Cirrus Logic CS62180B Datasheet HTML 27Page - Cirrus Logic CS62180B Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
193E Timing
Link data can be identified by RLCLK, which
goes high for all odd numbered frames. RSIGFR
is high for signaling frames, and low at all other
times. RSIGSEL runs at twice the frequency of
RMSYNC. Logical combination of RMSYNC
and RSIGSEL provides a way to distinguish the
6
th, 12th, 18th, and 24th frames for external mul-
tiplexing of signaling channels. RMSYNC is
high for frames containing A and B signaling
bits, and RSIGSEL is high for frames with A
and C bits. Refer to Figure 16 for a timing dia-
gram.
SLC-96
® Timing
The CS62180B will output 36 bits of the DL on
RLINK using RLCLK. RSIGSEL can be used to
locate the DL bits. RSIGSEL will be held high
in those frames where Fs bits and the last spoiler
bit are present (frames 58 to 11). RSIGSEL is
held low in all other frames (frames 12 to 57).
RSIGFR is high for signaling frames, and low at
all other times. RMSYNC is high for frames
containing A signaling bits, and low for frames
containg B bits. Refer to Figure 17 for a timing
diagram. In SLC-96
® mode, the start of a new
multiframe occurs on the second rising edge of
RMSYNC which occurs while RSIGSEL is high.
A multiframe synchronization signal can be gen-
erated from RMSYNC and RSIGSEL using the
Frame
RFSYNC
12
23 45 67
1
8 9 101112
2 3 45 67
18 9 10 11 12
2 3 4 5 6 7
1
8 9
RLINK
RLCLK
RSIGFR
RSIGSEL
RMSYNC
Figure 18. T1DM Multiframe Receive Timing
RMSYNC
RFSYNC
Data Link
C1
C2
C3
C4
C5
C6
S4
M3
A1
S1
S2
S3
A2
Frame
X
12 13 14 15 16 17
11
18 19 20 21 22
56 57 58
72 1
55
2 3
44 45 46 47
49 50 51 52 53 54
48
RLINK
RSIGSEL
RSIGFR
AB
A
B
B
RLCLK
C1
C2
C3
C4
C5
C6
M3
A1
A2
S1
S2
S3
S4
FS
FS
FS
Figure 17. SLC-96
® Multiframe Receive Timing
CS62180B
24
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com