Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS62180B Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS62180B
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180B Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS62180B Datasheet HTML 36Page - Cirrus Logic CS62180B Datasheet HTML 37Page - Cirrus Logic CS62180B Datasheet HTML 38Page - Cirrus Logic CS62180B Datasheet HTML 39Page - Cirrus Logic CS62180B Datasheet HTML 40Page - Cirrus Logic CS62180B Datasheet HTML 41Page - Cirrus Logic CS62180B Datasheet HTML 42Page - Cirrus Logic CS62180B Datasheet HTML 43Page - Cirrus Logic CS62180B Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Receiver
Inputs
RCLK - Receive Clock, Pin 24 (PLCC, Pin 27).
1.544 MHz primary receiver clock. Receiver data is output on the rising edge, and input on the
falling edge of RCLK. If no signal is present on RCLK, RST should be held low to minimize
power consumption.
RPOS, RNEG - Receive Bipolar Data Inputs, Pins 34 and 35 (PLCC, Pins 38 and 39).
Recovered data, sampled on falling edge of RCLK. Tie pins together to receive NRZ data and
disable bipolar violation monitoring circuitry. Delay from RPOS/RNEG to output at RSER is
13 RCLK periods.
RST - Reset, Pin 33 (PLCC, Pin 37).
Falling edge of RST clears all internal registers and resets receiver error counters. A receiver
resync is forced when RST returns high. This resync effects only the receiver synchronization,
and has no effect on transmit timing, but transmit control modes are cleared. The host processor
should restore all control modes following a reset by writing the appropriate control registers.
NOTE: On system power-up, RST must be held low to insure initialization of all on-board
registers.
Outputs
RYEL - Receive Yellow Alarm, Pin 21 (PLCC, Pin 23).
Transitions high when a yellow alarm is detected, returns low when yellow alarm is cleared.
When in Host mode, Yellow alarm formats for both 193S and 193E modes can be selected via
bits 3 and 5 of the Common Control Register. When in hardware mode, the 193S mode defaults
to bit 2 Yellow alarms, and the 193E mode defaults to FDL yellow alarms. Refer to bit 5 of the
Receive Status Register (RYEL) for a description of alarm detection conditions.
RCL - Receive Carrier Loss, Pin 36 (PLCC, Pin 40).
On the CS62180B, RCL transitions high if 1281 consecutive "0’s" are detected on RPOS
and RNEG and returns low on the next "1".
RBL - Receive Blue Alarm, (CS62180B PLCC only, Pin 3).
Transitions high on a frame boundary if an unframed-all ones and an out-of-frame condition
simultaneously occur. Returns low when either out-of-frame ends or zeros are detected.
RBV - Receive Bipolar Violation, Pin 37 (PLCC, Pin 41).
If a bipolar violation is detected, RBV goes high simultaneous with output of accused bit on
RSER, low otherwise.
CS62180B
40
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com