Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS62180B Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS62180B
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180B Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS62180B Datasheet HTML 41Page - Cirrus Logic CS62180B Datasheet HTML 42Page - Cirrus Logic CS62180B Datasheet HTML 43Page - Cirrus Logic CS62180B Datasheet HTML 44Page - Cirrus Logic CS62180B Datasheet HTML 45Page - Cirrus Logic CS62180B Datasheet HTML 46Page - Cirrus Logic CS62180B Datasheet HTML 47Page - Cirrus Logic CS62180B Datasheet HTML 48Page - Cirrus Logic CS62180B Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
The T1 format provides a 64 kbps channel for
each individual voice or data line. These PCM
voice channels consist of 8-bit samples which
are sampled at 8 kHz for a data rate of 64 kbps.
A T1 frame is constructed by multiplexing 24 of
these DS-0 channels and inserting a framing bit
at the beginning of the series. This results in 192
bits of channel data, plus an F-bit, for a total of
1.544 Mbps (193 bits/frame transmitted at 8
kHz). See Figure A3.
Multiple T1 frames are then grouped into super-
frames of 12 or 24 frames to provide for framing
and signaling synchronization. The older 193S or
SF(D4
®) format defines a superframe as 12
frames, with the F-bits carrying 2 channels of
synchronization signals. The emerging 193E, or
Extended Superframe Format (ESF) calls for 24
frames in a superframe. This allows the 24 F-bits
to be divided into 3 separate channels for fram-
ing, CRC checks, and system messages.
Additional variations on T1 are used for Sub-
scriber Loop Carrier (SLC-96
®) and Digital Data
Service (DDS
®) T1DM.
193S Framing Format
Figure A5 shows the bit uses in the 193S fram-
ing format. The framing bits are divided into two
channels. The odd F-bits are designated as the
FT (terminal framing) channel, which always
carries a repeating pattern of "101010". This pat-
tern allows synchronization to the frame
boundaries, and distinguishes the even and odd
frames. The even F-bits are designated as the FS
(signaling framing) channel. This channel carries
a different synchronization code (001110) which
identifies superframe alignment. The FS channel
can alternately be used as a message channel for
system use, in which case there is no facility
provided for multiframe synchronization.
Signaling information associated with each indi-
vidual voice channel, such as on-hook/off-hook,
call progress, dialing digits, etc., is transmitted
within the voice channel itself. The signaling
data is transmitted in the LSB of each channel
Framing bit
T1 Frame = 1.544 Mbps
CH 24
CH 1
193 bits
Channel 1
Channel 24
TDM
8 kHz Sampling
64 kbps
each
8 bits
f
Figure A3. T1 Overveiw
12 Frames = 193S Superframe
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
Frame 24 (F24)
CH 24
CH 1
f
Frame 1 (F1)
CH 24
CH 1
f
Frame 1 (F1)
Frame 12 (F12)
CH 24
CH 1
f
CH 24
CH 1
f
24 Frames = 193E Superframe
F5
F4
F3
F2
F1
F20
F21
F22
F23
F24
Figure A4. Framing Overveiw
193S
F-bits
Channel bits
Signaling
Options
Frame
FT
FS
Data
Signaling
T
2
4
11
1-8
20
30
40
51
61
1-7
Bit 8
-
A
A
70
1-8
81
91
10
1
11
0
12
0
1-7
Bit 8
-
A
B
Figure A5. 193S Framing Format
CS62180B
DS225PP2
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com