Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS62180B Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS62180B
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180B Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS62180B Datasheet HTML 39Page - Cirrus Logic CS62180B Datasheet HTML 40Page - Cirrus Logic CS62180B Datasheet HTML 41Page - Cirrus Logic CS62180B Datasheet HTML 42Page - Cirrus Logic CS62180B Datasheet HTML 43Page - Cirrus Logic CS62180B Datasheet HTML 44Page - Cirrus Logic CS62180B Datasheet HTML 45Page - Cirrus Logic CS62180B Datasheet HTML 46Page - Cirrus Logic CS62180B Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
B
A
L
C
13.72
51.69
1.02
0.36
0.51
3.94
3.18
0.20
0°
2.41
15.24
14.22
52.71
1.65
0.56
1.02
5.08
3.81
0.38
15°
0.540
2.035
0.095
0.040
0.014
0.020
0.155
0.125
0.600
0.008
0°
0.560
2.075
0.065
0.022
0.040
0.200
0.150
0.015
15°
40 pin
Plastic DIP
1
40
21
20
15.87
0.625
E1
D
B
SEATING
PLANE
A
B1
e1
A1
L
C
eA
∝
2.67
0.105
∝
NOTES:
1. POSITIONAL TOLERANCE OF LEADS SHALL BE WITHIN
0.25mm (0.010") AT MAXIMUM MATERIAL CONDITION, IN
RELATION TO SEATING PLANE AND EACH OTHER.
2. DIMENSION eA TO CENTER OF LEADS WHEN FORMED PARALLEL.
3. DIMENSION E1 DOES NOT INCLUDE MOLD FLASH.
NOM
13.97
52.20
1.27
0.46
0.76
4.32
-
0.25
-
2.54
-
NOM
0.550
2.055
0.100
0.050
0.018
0.030
0.170
-
-
0.010
-
A1
B1
E1
e1
eA
E
E1
D1
D
D2/E2
28/44 pin
PLCC
28
44
NO. OF TERMINALS
D2/E2
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MILLIMETERS
MILLIMETERS
INCHES
INCHES
DIM
A
4.57
4.20
0.180
0.165
D/E
17.65
17.40
0.685
12.32
12.57 0.485
0.495
B
0.53
0.33
0.021
0.013
e
A
A1
B
e
2.29
0.090
0.695
16.66
16.51
0.650
11.43
11.58 0.450
0.456
0.656
4.57
4.20
0.180
0.165
0.53
0.33
0.021
0.013
2.29
0.090
16.00
14.99
0.590
9.91
10.92 0.390
0.430
0.630
1.19
1.35 0.047
0.053 1.19
1.35 0.047
0.053
NOM
4.45
12.45
0.41
2.79
11.51
10.41
1.27
NOM
0.175
0.490
0.016
0.110
0.453
0.410
0.050
NOM
17.53
16.59
4.45
0.41
2.79
15.50
1.27
NOM
0.690
0.653
0.175
0.016
0.110
0.610
0.050
3.04
0.120
3.04
0.120
D1/E1
A1
CS62180B
DS225PP2
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com