Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB50550B Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSB50550B
Description  Motion SPM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50550B Datasheet(HTML) 5 Page - ON Semiconductor

  FSB50550B Datasheet HTML 1Page - ON Semiconductor FSB50550B Datasheet HTML 2Page - ON Semiconductor FSB50550B Datasheet HTML 3Page - ON Semiconductor FSB50550B Datasheet HTML 4Page - ON Semiconductor FSB50550B Datasheet HTML 5Page - ON Semiconductor FSB50550B Datasheet HTML 6Page - ON Semiconductor FSB50550B Datasheet HTML 7Page - ON Semiconductor FSB50550B Datasheet HTML 8Page - ON Semiconductor FSB50550B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Semiconductor Components Industries, LLC, 2017
www.fairchildsemi.com
FSB50550B / FSB50550BS . Rev. 1.2
www.onsemi.com
4
Electrical Characteristics (T
J = 25°C, VDD = VBS = 15 V unless otherwise specified.)
Inverter Part (each MOSFET unless otherwise specified.)
Control Part (each HVIC unless otherwise specified.)
Bootstrap Diode Part (each bootstrap diode unless otherwise specified.)
Symbol
Parameter
Conditions
Min Typ Max
Unit
BVDSS
Drain - Source
Breakdown Voltage
VIN = 0 V, ID = 1 mA ( Note 4)
500
-
-
V
IDSS
Zero Gate Voltage
Drain Current
VIN = 0 V, VDS = 500 V
-
-
1
mA
RDS(on)
Static Drain - Source
Turn-On Resistance
VDD = VBS = 15 V, VIN = 5 V, ID = 1.0 A
-
2.3
3.0
Ω
VSD
Drain - Source Diode
Forward Voltage
VDD = VBS = 15V, VIN = 0 V, ID = -1.0 A
-
-
1.3
V
tON
Switching Times
VPN = 300 V, VDD = VBS = 15 V, ID = 1.0 A
VIN = 0 V ↔ 5 V, Inductive Load L = 3 mH
High- and Low-Side MOSFET Switching
( Note 5)
-
350
-
ns
tOFF
-
500
-
ns
trr
-60-
ns
EON
-22-
μJ
EOFF
-3-
μJ
RBSOA
Reverse Bias Safe Oper-
ating Area
VPN = 400 V, VDD = VBS = 15 V, ID = (TBD), VDS =
BVDSS, TJ = 150°C
High- and Low-Side MOSFET Switching ( Note 6)
Full Square
Symbol
Parameter
Conditions
Min Typ Max
Unit
IQDD
Quiescent VDD Current
VDD = 15 V,
VIN = 0 V
Applied between VDD and COM
-
-
200
μA
IQBS
Quiescent VBS Current
VBS = 15 V,
VIN = 0 V
Applied between VB(U) - U,
VB(V) - V, VB(W) - W
-
-
100
μA
IPDD
Operating
VDD Supply
Current
VDD - COM
VDD = 15 V, fPWM = 20 kHz, duty
= 50%, Applied to One PWM Sig-
nal Input for Low-Side
--
900
μA
IPBS
Operating
VBS Supply
Current
VB(U) - VS(U), VB(V)
- VS(V), VB(W) -
VS(W)
VDD = VBS = 15 V, fPWM = 20 kHz,
Duty = 50%, Applied to One PWM
Signal Input for High-Side
--
800
μA
UVDDD
Low-Side Under-Voltage
Protection (Figure 8)
VDD Under-Voltage Protection Detection Level
7.4
8.0
9.4
V
UVDDR
VDD Under-Voltage Protection Reset Level
8.0
8.9
9.8
V
UVBSD
High-Side Under-Voltage
Protection (Figure 9)
VBS Under-Voltage Protection Detection Level
7.4
8.0
9.4
V
UVBSR
VBS Under-Voltage Protection Reset Level
8.0
8.9
9.8
V
VTS
HVIC Temperature Sens-
ing Voltage Output
VDD = 15 V, THVIC = 25°C ( Note 7)
600
790
980
mV
VIH
ON Threshold Voltage
Logic HIGH Level
Applied between VIN and COM
--
2.9
V
VIL
OFF Threshold Voltage
Logic LOW Level
0.8
-
-
V
Symbol
Parameter
Conditions
Min Typ Max
Unit
VFB
Forward Voltage
IF = 0.1 A, TC = 25°C (Note 8)
-
2.5
-
V
trrB
Reverse Recovery Time
IF = 0.1 A, TC = 25°C
-
80
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com