Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB50550B Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSB50550B
Description  Motion SPM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50550B Datasheet(HTML) 4 Page - ON Semiconductor

  FSB50550B Datasheet HTML 1Page - ON Semiconductor FSB50550B Datasheet HTML 2Page - ON Semiconductor FSB50550B Datasheet HTML 3Page - ON Semiconductor FSB50550B Datasheet HTML 4Page - ON Semiconductor FSB50550B Datasheet HTML 5Page - ON Semiconductor FSB50550B Datasheet HTML 6Page - ON Semiconductor FSB50550B Datasheet HTML 7Page - ON Semiconductor FSB50550B Datasheet HTML 8Page - ON Semiconductor FSB50550B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Semiconductor Components Industries, LLC, 2017
www.fairchildsemi.com
FSB50550B / FSB50550BS . Rev. 1.2
www.onsemi.com
3
Pin descriptions
Figure 2. Pin Configuration and Internal Block Diagram (Bottom View)
Notes:
3. Source terminal of each low-side MOSFET is not connected to supply ground or bias voltage ground inside Motion SPM® 5 product. External connections should be made as
indicated in Figure 3.
Pin Number
Pin Name
Pin Description
1
COM
IC Common Supply Ground
2VB(U)
Bias Voltage for U-Phase High-Side MOSFET Driving
3VDD(U)
Bias Voltage for U-Phase IC and Low-Side MOSFET Driving
4IN(UH)
Signal Input for U-Phase High-Side
5IN(UL)
Signal Input for U-Phase Low-Side
6
N.C
No Connection
7VB(V)
Bias Voltage for V-Phase High Side MOSFET Driving
8VDD(V)
Bias Voltage for V-Phase IC and Low Side MOSFET Driving
9IN(VH)
Signal Input for V-Phase High-Side
10
IN(VL)
Signal Input for V-Phase Low-Side
11
VTS
Output for HVIC Temperature Sensing
12
VB(W)
Bias Voltage for W-Phase High-Side MOSFET Driving
13
VDD(W)
Bias Voltage for W-Phase IC and Low-Side MOSFET Driving
14
IN(WH)
Signal Input for W-Phase High-Side
15
IN(WL)
Signal Input for W-Phase Low-Side
16
N.C
No Connection
17
P
Positive DC-Link Input
18
U, VS(U)
Output for U-Phase & Bias Voltage Ground for High-Side MOSFET Driving
19
NU
Negative DC-Link Input for U-Phase
20
NV
Negative DC-Link Input for V-Phase
21
V, VS(V)
Output for V-Phase & Bias Voltage Ground for High-Side MOSFET Driving
22
NW
Negative DC-Link Input for W-Phase
23
W, VS(W)
Output for W Phase & Bias Voltage Ground for High-Side MOSFET Driving
(1) COM
(2) V
B(U)
(3) V
DD(U)
(4) IN
(UH)
(5) IN
(UL)
(6) N.C
(7) V
B(V)
(8) V
DD(V)
(9) IN
(VH)
(10) IN
(VL)
(11) VTS
(12) V
B(W)
(13) V
DD(W)
(14) IN
(WH)
(15) IN
(WL)
(16)
(17) P
(18) U, V
S(U)
(19) N
U
(20) N
V
(21) V, V
S(V)
(22) N
W
(23) W, V
S(W)
COM
VDD
LIN
HIN
VB
HO
VS
LO
COM
VDD
LIN
HIN
VB
HO
VS
LO
VTS
COM
VDD
LIN
HIN
VB
HO
VS
LO
N.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com