Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAH8002EP Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAH8002EP
Description  Low Power Optical Heart Rate Detection Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8002EP Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAH8002EP Datasheet HTML 3Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 4Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 5Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 6Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 7Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 8Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 9Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 10Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Version 1.3 | 25 Sep 2017 | 31007AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAH8002EP-2P Product Datasheet
Low Power Optical Heart Rate Detection Chip
PixArt Imaging Inc.
Pin No.
Signal Name
Type
Description
Functional Group:
Functional I/O
16
INT
Output
Data ready interrupt. Default is edge sensitive interrupt, can be changed to level
sensitive interrupt (high active) in INT Type register
17
SPI_I2C
Input
Interface Selection
I2C: Pull down (Tie to GND)
4-wire SPI: Pull high (Tie to VDDIO)
18
RESET_N
Input
Hardware control to enter Reset Mode. Connect to VDDIO when not used
Level High: Leave Reset Mode
Level Low: Enter Reset Mode
Functional Group:
Reserved
9
LED0
RSV
Reserved for LED0 test pin
6
LED1
RSV
Reserved for LED1 test pin
10
LED2
RSV
Reserved for LED2 test pin
21
NC
RSV
Reserved. No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com