Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAH8002EP Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # PAH8002EP
Description  Low Power Optical Heart Rate Detection Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8002EP Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button PAH8002EP Datasheet HTML 15Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 16Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 17Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 18Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 19Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 20Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 21Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 22Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 23Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19
Version 1.3 | 25 Sep 2017 | 31007AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAH8002EP-2P Product Datasheet
Low Power Optical Heart Rate Detection Chip
PixArt Imaging Inc.
4.4.2.4
PCB Layout Guidelines
The following guidelines can be refer to Figure 10. PCB Layout Guide.
1. Capacitor 0.1µF and 1µF must be placed close to the chip package.
2. The GND plane of GND of VSSA, VSSD and VSSLED must be layout separately and connected to the PCB’s main GND.
Figure 10. PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com