Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAH8002EP Datasheet(PDF) 18 Page - Pixart Imaging Inc.

Part # PAH8002EP
Description  Low Power Optical Heart Rate Detection Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8002EP Datasheet(HTML) 18 Page - Pixart Imaging Inc.

Back Button PAH8002EP Datasheet HTML 14Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 15Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 16Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 17Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 18Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 19Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 20Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 21Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 22Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18
Version 1.3 | 25 Sep 2017 | 31007AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAH8002EP-2P Product Datasheet
Low Power Optical Heart Rate Detection Chip
PixArt Imaging Inc.
4.4.2
Recommended Layout Information of Main Board
4.4.2.1
Pad Dimension on PCB/FPC
1. Pad size design:
 If use solder mask defined (SMD), pad size is referred as solder mask opening size.
 If use non-solder mask defined (non-SMD), pad size is referred as copper metal size.
2. Recommended dimension of pad is shown in below figure. The actual pad size design will need to consider
components aside.
(
Refer to Figure 9. Recommended Layout PCB).
Notes: All dimension is mm.
Figure 9. Recommended Layout PCB
4.4.2.2
Recommended Stiffener type for FPC (Flex) back‐side (at Sensor package area)
1. If use FPC (Flex) board, stiffener is required to be added onto the back of FPC (Flex) to enhance the Flex strength.
2. Recommended Stiffener type: FR4 or stainless steel.
3. Recommended stiffener thickness: minimum 0.4mm for FR4 type, minimum 0.15mm for stainless steel.
4.4.2.3
Recommended use 0.1~0.12mm thickness stencil for SMT process.
1. The stencil thickness selection will need to consider passive component size aside package.
2. In case of the package is surface mounted on FPCB (Flexible Printed Circuit Boards), the overall thickness of cover layer
& adhesive layer is recommenced to be controlled under than 40µm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com