Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC862EC Datasheet(PDF) 36 Page - Motorola, Inc

Part # MPC862EC
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862EC Datasheet(HTML) 36 Page - Motorola, Inc

Back Button MPC862EC Datasheet HTML 32Page - Motorola, Inc MPC862EC Datasheet HTML 33Page - Motorola, Inc MPC862EC Datasheet HTML 34Page - Motorola, Inc MPC862EC Datasheet HTML 35Page - Motorola, Inc MPC862EC Datasheet HTML 36Page - Motorola, Inc MPC862EC Datasheet HTML 37Page - Motorola, Inc MPC862EC Datasheet HTML 38Page - Motorola, Inc MPC862EC Datasheet HTML 39Page - Motorola, Inc MPC862EC Datasheet HTML 40Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
36
MPC862/857T/857DSL Hardware Specifications
MOTOROLA
Bus Signal Timing
Bus Signal Timing
Table 8 provides interrupt timing for the MPC862/857T/857DSL.
Figure 24 provides the interrupt detection timing for the external level-sensitive lines.
Figure 24. Interrupt Detection Timing for External Level Sensitive Lines
Figure 25 provides the interrupt detection timing for the external edge-sensitive lines.
Figure 25. Interrupt Detection Timing for External Edge Sensitive Lines
Table 8. Interrupt Timing
Num
Characteristic 1
1 The timings I39 and I40 describe the testing conditions under which the IRQ lines are tested when being
defined as level sensitive. The IRQ lines are synchronized internally and do not have to be asserted or
negated with reference to the CLKOUT.
The timings I41, I42, and I43 are specified to allow the correct function of the IRQ lines detection circuitry,
and has no direct relation with the total system interrupt latency that the MPC862/857T/857DSL is able to
support.
All Frequencies
Unit
Min
Max
I39
IRQx valid to CLKOUT rising edge (set up time)
6.00
ns
I40
IRQx hold time after CLKOUT
2.00
ns
I41
IRQx pulse width low
3.00
ns
I42
IRQx pulse width high
3.00
ns
I43
IRQx edge-to-edge time
4xTCLOCKOUT
—
CLKOUT
IRQx
I39
I40
CLKOUT
IRQx
I41
I42
I43
I43
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com