Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC862EC Datasheet(PDF) 18 Page - Motorola, Inc

Part # MPC862EC
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862EC Datasheet(HTML) 18 Page - Motorola, Inc

Back Button MPC862EC Datasheet HTML 14Page - Motorola, Inc MPC862EC Datasheet HTML 15Page - Motorola, Inc MPC862EC Datasheet HTML 16Page - Motorola, Inc MPC862EC Datasheet HTML 17Page - Motorola, Inc MPC862EC Datasheet HTML 18Page - Motorola, Inc MPC862EC Datasheet HTML 19Page - Motorola, Inc MPC862EC Datasheet HTML 20Page - Motorola, Inc MPC862EC Datasheet HTML 21Page - Motorola, Inc MPC862EC Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
18
MPC862/857T/857DSL Hardware Specifications
MOTOROLA
Bus Signal Timing
Bus Signal Timing
B19
CLKOUT rising edge to D(0:31),
DP(0:3) valid (hold time) 8 (MIN = 0.00
x B1 + 1.00 9)
1.00
—
1.00
—
1.00
—
2.00
—
ns
B20
D(0:31), DP(0:3) valid to CLKOUT
falling edge (setup time) 10(MIN = 0.00
x B1 + 4.00)
4.00
—
4.00
—
4.00
—
4.00
—
ns
B21
CLKOUT falling edge to D(0:31),
DP(0:3) valid (hold Time) 10 (MIN =
0.00 x B1 + 2.00)
2.00
—
2.00
—
2.00
—
2.00
—
ns
B22
CLKOUT rising edge to CS asserted
GPCM ACS = 00 (MAX = 0.25 x B1 +
6.3)
7.60
13.80
6.30
12.50
5.00
11.30
3.80
10.00
ns
B22a CLKOUT falling edge to CS asserted
GPCM ACS = 10, TRLX = 0 (MAX =
0.00 x B1 + 8.00)
—
8.00
—
8.00
—
8.00
—
8.00
ns
B22b CLKOUT falling edge to CS asserted
GPCM ACS = 11, TRLX = 0, EBDF = 0
(MAX = 0.25 x B1 + 6.3)
7.60
13.80
6.30
12.50
5.00
11.30
3.80
10.00
ns
B22c CLKOUT falling edge to CS asserted
GPCM ACS = 11, TRLX = 0, EBDF = 1
(MAX = 0.375 x B1 + 6.6)
10.90
18.00
10.90
18.00
7.00
14.30
5.20
12.30
ns
B23
CLKOUT rising edge to CS negated
GPCM read access, GPCM write
access ACS = 00, TRLX = 0 & CSNT =
0 (MAX = 0.00 x B1 + 8.00)
2.00
8.00
2.00
8.00
2.00
8.00
2.00
8.00
ns
B24
A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 10, TRLX = 0
(MIN = 0.25 x B1 - 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B24a A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 11 TRLX = 0
(MIN = 0.50 x B1 - 2.00)
13.20
—
10.50
—
8.00
—
5.60
—
ns
B25
CLKOUT rising edge to OE, WE(0:3)
asserted (MAX = 0.00 x B1 + 9.00)
—
9.00
9.00
9.00
9.00
ns
B26
CLKOUT rising edge to OE negated
(MAX = 0.00 x B1 + 9.00)
2.00
9.00
2.00
9.00
2.00
9.00
2.00
9.00
ns
B27
A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 10, TRLX = 1
(MIN = 1.25 x B1 - 2.00)
35.90
—
29.30
—
23.00
—
16.90
—
ns
B27a A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 11, TRLX = 1
(MIN = 1.50 x B1 - 2.00)
43.50
—
35.50
—
28.00
—
20.70
—
ns
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com