Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC862EC Datasheet(PDF) 19 Page - Motorola, Inc

Part # MPC862EC
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862EC Datasheet(HTML) 19 Page - Motorola, Inc

Back Button MPC862EC Datasheet HTML 15Page - Motorola, Inc MPC862EC Datasheet HTML 16Page - Motorola, Inc MPC862EC Datasheet HTML 17Page - Motorola, Inc MPC862EC Datasheet HTML 18Page - Motorola, Inc MPC862EC Datasheet HTML 19Page - Motorola, Inc MPC862EC Datasheet HTML 20Page - Motorola, Inc MPC862EC Datasheet HTML 21Page - Motorola, Inc MPC862EC Datasheet HTML 22Page - Motorola, Inc MPC862EC Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
MOTOROLA
MPC862/857T/857DSL Hardware Specifications
19
Bus Signal Timing
B28
CLKOUT rising edge to WE(0:3)
negated GPCM write access CSNT
= 0 (MAX = 0.00 x B1 + 9.00)
—
9.00
—
9.00
—
9.00
—
9.00
ns
B28a CLKOUT falling edge to WE(0:3)
negated GPCM write access
TRLX = 0, 1, CSNT = 1, EBDF = 0
(MAX = 0.25 x B1 + 6.80)
7.60
14.30
6.30
13.00
5.00
11.80
3.80
10.50
ns
B28b CLKOUT falling edge to CS negated
GPCM write access TRLX = 0,1,
CSNT = 1 ACS = 10 or ACS = 11,
EBDF = 0 (MAX = 0.25 x B1 + 6.80)
—
14.30
—
13.00
—
11.80
—
10.50
ns
B28c CLKOUT falling edge to WE(0:3)
negated GPCM write access
TRLX = 0, CSNT = 1 write access
TRLX = 0,1, CSNT = 1, EBDF = 1
(MAX = 0.375 x B1 + 6.6)
10.90
18.00
10.90
18.00
7.00
14.30
5.20
12.30
ns
B28d CLKOUT falling edge to CS negated
GPCM write access TRLX = 0,1,
CSNT = 1, ACS = 10, or ACS = 11,
EBDF = 1 (MAX = 0.375 x B1 + 6.6)
—
18.00
—
18.00
—
14.30
—
12.30
ns
B29
WE(0:3) negated to D(0:31), DP(0:3)
High-Z GPCM write access, CSNT
= 0, EBDF = 0 (MIN = 0.25 x B1 - 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B29a WE(0:3) negated to D(0:31), DP(0:3)
High-Z GPCM write access, TRLX = 0,
CSNT = 1, EBDF = 0 (MIN = 0.50 x B1
- 2.00)
13.20
—
10.50
—
8.00
—
5.60
—
ns
B29b CS negated to D(0:31), DP(0:3), High
Z GPCM write access, ACS = 00,
TRLX = 0,1 & CSNT = 0 (MIN = 0.25 x
B1 - 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B29c CS negated to D(0:31), DP(0:3)
High-Z GPCM write access, TRLX = 0,
CSNT = 1, ACS = 10, or ACS = 11
EBDF = 0 (MIN = 0.50 x B1 - 2.00)
13.20
—
10.50
—
8.00
—
5.60
—
ns
B29d WE(0:3) negated to D(0:31), DP(0:3)
High-Z GPCM write access, TRLX = 1,
CSNT = 1, EBDF = 0 (MIN = 1.50 x B1
- 2.00)
43.50
—
35.50
—
28.00
—
20.70
—
ns
B29e CS negated to D(0:31), DP(0:3)
High-Z GPCM write access, TRLX = 1,
CSNT = 1, ACS = 10, or ACS = 11
EBDF = 0 (MIN = 1.50 x B1 - 2.00)
43.50
—
35.50
—
28.00
—
20.70
—
ns
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com