Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7262BSTZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD7262BSTZ
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262BSTZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7262BSTZ Datasheet HTML 21Page - Analog Devices AD7262BSTZ Datasheet HTML 22Page - Analog Devices AD7262BSTZ Datasheet HTML 23Page - Analog Devices AD7262BSTZ Datasheet HTML 24Page - Analog Devices AD7262BSTZ Datasheet HTML 25Page - Analog Devices AD7262BSTZ Datasheet HTML 26Page - Analog Devices AD7262BSTZ Datasheet HTML 27Page - Analog Devices AD7262BSTZ Datasheet HTML 28Page - Analog Devices AD7262BSTZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AD7262
Data Sheet
Rev. B | Page 24 of 32
ON-CHIP REGISTERS
The AD7262/AD7262-5 contain a control register, two offset
registers for storing the offsets for each ADC, and two external
gain registers for storing the gain error. The control register and
the offset and gain registers are read and write registers. On
power-up, all registers in the AD7262/AD7262-5 are set to 0.
Addressing the On-Chip Registers
Writingto a Register
Data is loaded from the PD0/DIN pin of the AD7262/AD7262-5
on the falling edge of SCLK when CS isin a logic low state. Four
address bits and 12 data bits must be clocked into the device.
Thus, on the 16th falling SCLK edge, the LSB is clocked into the
AD7262/AD7262-5. One more SCLK cycle is then required to
write to the internal device registers. In total, 17 SCLK cycles
are required to successfully write to the AD7262/AD7262-5.
The control and offset registers are 12-bits registers; the gain
registers are 7-bit registers.
When writing to a register, the user must first write the address
bits corresponding to the selected register. Table 11 shows the
decoding of the address bits. The four RD bits are written MSB
first, that is, RD3 followed byRD2,RD1,and RD0. The AD7262/
AD7262-5 decodes these bits to determine which register is
being addressed. The subsequent 12 bits of data are written to
the addressed register.
When writing to the external gain registers, the seven bits of
data immediately after the four address bits are written to the
register. However, 17 SCLK cycles are still required, and the
PD0/DIN pin of the AD7262/AD7262-5 should be tied low for
the five additional clock cycles.
Table 11. Read and Write Register Addresses
RD3
RD2
RD1
RD0
Comment
0
0
0
0
ADC result (default)
0
0
0
1
Control register
0
0
1
0
Offset ADC A internal
0
0
1
1
Offset ADC B internal
0
1
0
0
Gain ADC A external
0
1
0
1
Gain ADC B external
Readingfrom a Register
The internal offset of the device, which has been measured by
the AD7262/AD7262-5and stored in the on-chip registers during
the calibration, can be read back by the user. The content of the
external gain registers can also be read. To read the content of
any register, the user must first write to the control register by
writing 0001 to the WR3 to WR0 bits via the PD0/DIN pin, as
outlined in Table 10. The next four bits in the control register
are the RD bits, which are used to select the desired register
from which to read. The appropriate 4-bit address for each of the
offset and gain registers is outlined in Table 11. The remaining
eight SCLK cycles bits are used to set the remaining bits in the
control register to thedesired statefor the next ADCconversion.
The 19th SCLK falling edge clocks out the first data bit of the
digital code corresponding to the value stored in the selected
internal device register on the DOUTA pin. DOUTB outputs the
conversion result from ADC B. Once the selected register has
been read, the control register must be reset to output the ADC
results for future conversions. This is achieved by writing 0001
to the WR3 to WR0 bits, followed by 0000 to the RD bits. The
remaining eight bits in the control register should then be set to
the required configuration for the next ADC conversion.
CS
SCLK
DOUTA
PD0/DIN
10
14
16
THREE-STATE
11
12
13
17
THREE-
STATE
15
DB10A
DB11A
DB0A
18
19
20
30
31
THREE-STATE
RD1
RD0
MSB
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
RD2
RD3
t2
t8
t
QUIET
9
8
7
6
5
4
3
2
1
t13
t14
Figure 31. Timing Diagram for Writing to a Register
CS
SCLK
DOUTA
PD0/DIN
10
14
16
THREE-STATE
11
12
13
17
THREE-
STATE
15
DB10A
DB11A
DB0A
18
20
19
30
31
THREE-STATE
0
1
RD3
RD2
RD1
RD0
0
0
0
0
0
0
0
0
0
0
t2
t13
t14
t8
tQUIET
9
8
7
6
5
4
3
2
1
Figure 32. Timing Diagram for a Read Operation with PD0/DIN as an Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com