Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7262BSTZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD7262BSTZ
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262BSTZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7262BSTZ Datasheet HTML 22Page - Analog Devices AD7262BSTZ Datasheet HTML 23Page - Analog Devices AD7262BSTZ Datasheet HTML 24Page - Analog Devices AD7262BSTZ Datasheet HTML 25Page - Analog Devices AD7262BSTZ Datasheet HTML 26Page - Analog Devices AD7262BSTZ Datasheet HTML 27Page - Analog Devices AD7262BSTZ Datasheet HTML 28Page - Analog Devices AD7262BSTZ Datasheet HTML 29Page - Analog Devices AD7262BSTZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Data Sheet
AD7262
Rev. B | Page 25 of 32
SERIAL INTERFACE
Figure 33 and Figure 34 show the detailed timingdiagrams for the
serial interfacing of the AD7262/AD7262-5. The serial clock
provides the conversion clock and controls the transfer of
information from the AD7262/AD7262-5 after the conversion.
The AD7262/AD7262-5 has two output pins corresponding to
each ADC. Data can be read from the AD7262/AD7262-5 using
both DOUTA and DOUTB. Alternatively, a single output pin of the
user’s choice can be used. The SCLK input signal provides the
clock source for the serial interface.
The falling edge of CS putsthe track-and-hold into hold mode,
at which point the analog input is sampled. The conversion is
also initiated at this point and requires a minimum of 19 SCLKs
to complete. The DOUTx lines remain in three-state while the
conversion is taking place. On the 19th SCLK falling edge, the
AD7262/AD7262-5 return to track mode and the DOUTA and
DOUTB lines are enabled. The data stream consists of 12 bits of
data, MSB first.
The MSB of the conversion result is clocked out on the 19th
SCLK falling edge to be read by the microcontroller or DSP on
either the subsequent SCLK falling edge (20th falling edge) or
the 20th SCLK rising edge. The choice of whether to read on the
rising or falling SCLK edge depends on the SCLK frequency
being used. When the maximum SCLK frequency of 40 MHz is
used with a VDRIVE voltage of 5 V, the maximum specified access
time (t4) is 23 ns, resulting in 2 ns of setup time, which may not
be sufficient for most DSPs or microcontrollers. Under these
conditions, it is recommended to use the rising SCLK edge to
read the data. In this case, the MSB of the conversion result is
clocked out on the 19th SCLK falling edge to be read on the 20th
SCLK rising edge, as shown in Figure 33. The remaining data is
then clocked out by subsequent SCLK falling edges. When using
a 40 MHz SCLK frequency, the 20th falling clock edge on the
serial clock clocks out the second data bit, which is provided for
reading on the 21st SCLK rising edge. The remainder ofthe 12-bit
result follows, with the final bit in the data transfer being valid
on the 31st rising edge. The LSB is provided on the 30th falling
clock edge.
An alternative to reading on the rising SCLK edge is to use a
slower SCLK frequency. If a slower SCLK frequency is used, for
example 32 MHz with the AD7262, this enables reading on the
subsequent falling SCLK edge after the data has been clocked out,
as illustrated in Figure 35. A throughput rate of 1 MSPS can still
be achieved for the AD7262 whena 32 MHz SCLK frequencyis
used. The remaining data is then clocked out by subsequent
SCLK falling edges.Whenusinga 32 MHz or less SCLK frequency
with the AD7262 or when using the AD7262-5, the 20th falling
clock edge on the serial clock has the MSB provided for reading
and also clocks out the second data bit. The remainder of the
12-bit result follows, with the final bit in the data transfer being
valid on the 31st falling edge. The LSB is provided on the 30th
falling clock edge.
On the rising edge of CS, DOUTA and DOUTB go back into three-
state. If CS is not brought high after 31 SCLKs but is instead
held low for an additional 14SCLK cycles, thedata fromADC B is
output on DOUTA after the ADC A result. Likewise, the data
from ADC A is output on DOUTB after the ADC B result. This is
illustrated in Figure 34, which shows the DOUTA example. In this
case, the DOUT line in use goes back into three-state on the 47th
SCLK falling edge or the rising edge of CS, whicheveroccursfirst.
If the falling edge of SCLK coincides with the falling edge of CS,
the falling edge of SCLK is not acknowledged by the AD7262
and the next falling edge of SCLK is the first one registered after
the falling edge of CS.
CS
SCLK
1
5
19
DOUTA
THREE-STATE
t4
2
3
4
20
t5
THREE-
STATE
18
DB9A
DB10A
DB11A
21
22
29
30
31
DB1A
DB0A
DOUTB
THREE-STATE
THREE-
STATE
DB9B
DB10B
DB11B
DB1B
DB0B
t2
t8
FIRST DATA BIT CLOCKED OUT
ON THE 19TH FALLING EDGE
FIRST DATA BIT READ
ON 20TH RISING EDGE
Figure 33. Serial Interface Timing Diagram When Reading Data on the 20th Rising SCLK Edge with a 40 MHz SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com