| Electronic Components Datasheet Search |
|
AD7262BSTZ Datasheet(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7262BSTZ Datasheet(HTML) 30 Page - Analog Devices |
|
30 / 33 page ![]() Data Sheet AD7262 Rev. B | Page 29 of 32 MICROPROCESSOR INTERFACING The serial interface on the AD7262/AD7262-5 allows the parts to connect directly to a range of different microprocessors. This section explains how to interface the AD7262/AD7262-5 with the Analog Devices, Inc., Blackfin® DSP, the ADSP-BF531. AD7262/AD7262-5 TO ADSP-BF531 The ADSP-BF531 and the rest ofthe Blackfin microprocessor family of DSPs interface directly to the AD7262/AD7262-5 without any glue logic required.The VDRIVE pin ofthe AD7262/ AD7262-5 takes the same supply voltage as that of the ADSP-BF531. This allows the ADC to operate at a higher supply voltage than its serial interface and, therefore, the ADSP-BF531, if necessary. The availabilityofsecondary receive registers on the serial ports of the Blackfin DSPs means only one serial port is necessary to read from both DOUT pins simultaneously. Figure 37shows both DOUTAand DOUTBof the AD7262/AD7262-5 connected toSerial Port 0 ofthe ADSP-BF531. The SPORT0 Receive Configuration 1 register and SPORT0 Receive Configuration 2 register must be set up as outlined in Table 14 and Table 15. SERIAL DEVICE A (PRIMARY) SERIAL DEVICE B (SECONDARY) AD7262 1 DOUTA CS SCLK ADSP-BF5311 1ADDITIONAL PINS OMITTED FOR CLARITY. DR0PRI DR0SEC RFS0 VDRIVE VDD DOUTB RCLK0 SPORT0 Figure 37. Interfacing the AD7262 to the ADSP-BF531 Table 14. The SPORT0 Receive Configuration 1 Register (SPORT0_RCR1) Setting Description RCKFE = 1 Sample data with falling edge of RSCLK LRFS = 1 Active low frame signal RFSR = 1 Frame every word IRFS = 1 Internal receive frame sync (RFS) used RLSBIT = 0 Receive MSB first RDTYPE = 00 Zero fill IRCLK = 1 Internal receive clock RSPEN = 1 Receive enabled SLEN = 11110 31-bit data-word TFSR = RFSR = 1 Table 15. The SPORT0 Receive Configuration 2 Register (SPORT0_RCR2) Setting Description RXSE = 1 Secondary side enabled |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |