Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM628128ALP-7SL Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HM628128ALP-7SL
Description  131,072-word X 8-bit High Speed CMOS Static RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128ALP-7SL Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HM628128ALP-7SL Datasheet HTML 2Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 3Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 4Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DC Characteristics (Ta = 0 to +70°C, VCC = 5 V ± 10%, VSS = 0 V)
Parameter
Symbol
Min
Typ*1
Max
Unit
Test conditions
Input leakage current
|ILI|
—
—
1.0
µA
Vin = VSS to VCC
Output leakage current
|ILO|
—
—
1.0
µA
CS1 = VIH or CS2 = VIL or
OE = VIH or WE = VIL,
VI/O = VSS to VCC
Operating power supply
ICC
—15
30
mA
CS1 = VIL, CS2 = VIH,
current: DC
Others = VIH/VIL
II/O = 0 mA
Operating power supply
ICC1
—
45
70
mA
Min cycle, duty = 100%,
current
(HM628128
CS1 = VIL, CS2 = VIH,
A-7/8/10)
Others = VIH/VIL
ICC1
—50
80
mA
II/O = 0 mA
(HM628128
A-5)
ICC2
—
15
25
mA
Cycle time = 1 µs, duty = 100%,
II/O = 0 mA, CS1 ≤ 0.2 V,
CS2
≥ VCC – 0.2 V
VIH ≥ VCC – 0.2 V, VIL ≤ 0.2 V
Standby power supply
ISB
—
1
2
mA
(1)
CS1 = VIH, CS2 = VIH or
current: DC
(2) CS2 = VIL
Standby power supply
ISB1
—
2
100
µA
0 V
≤ Vin ≤ VCC ,
current (1): DC
(L version)
(1)
CS1
≥ VCC – 0.2 V,
ISB1
—2
50
µA
CS2
≥ VCC – 0.2 V or
(L-L/L-SL
(2) 0 V
≤ CS2 ≤ 0.2 V
version)
Output voltage
VOL
—
—
0.4
V
IOL = 2.1 mA
VOH
2.4
—
—
V
IOH = –1.0 mA
Note:
1. Typical values are at VCC = 5.0 V, Ta = +25°C and specified loading.
Capacitance (Ta = 25°C, f = 1.0 MHz)*1
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input capacitance
Cin
—
—
8
pF
Vin = 0 V
Input/output capacitance
CI/O
—
—
10
pF
VI/O = 0 V
Note:
1. This parameter is sampled and not 100% tested.
6
HM628128A Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com