Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM628128ALP-7SL Datasheet(PDF) 12 Page - Hitachi Semiconductor

Part # HM628128ALP-7SL
Description  131,072-word X 8-bit High Speed CMOS Static RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128ALP-7SL Datasheet(HTML) 12 Page - Hitachi Semiconductor

Back Button HM628128ALP-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 10Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 11Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 12Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
data bus contention.
tWP ≥ tDW min + tWHZ max
Low VCC Data Retention Characteristics (Ta = 0 to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions*4
VCC for data retention
VDR
2.0
—
—
V
CS1
≥ VCC – 0.2 V,
CS2
≥ VCC – 0.2 V or
0 V
≤ CS2 ≤ 0.2 V
Vin>0 V
Data retention current
ICCDR
—1
50*1
µA
VCC = 3.0 V, Vin ≥ 0 V
(L version)
CS1
≥ VCC – 0.2V
ICCDR
—1
30*2
µA
CS2
≥ VCC – 0.2 V or
(L-L version)
0 V
≤ CS2 ≤ 0.2 V
ICCDR
—1
15*3
µA
(L-SL
version)
Chip deselect to
tCDR
0
—
—
ns
See retention waveform
data retention time
Operation recovery time
tR
5—
—
ms
Low VCC Data Retention Timing Waveform (1) (CS1 Controlled)
Low VCC Data Retention Timing Waveform (2) (CS2 Controlled)
12
HM628128A Series
CC
V
4.5 V
2.2 V
0 V
CS1
tCDR
tR
CS1
V
– 0.2 V
CC
DR1
V
Data retention mode
>
CC
V
4.5 V
0 V
CS2
CDR
tR
0 V
CS2
0.2 V
DR2
V
Data retention mode
0.4 V
t
<
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com