Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM628128ALP-7SL Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HM628128ALP-7SL
Description  131,072-word X 8-bit High Speed CMOS Static RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128ALP-7SL Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HM628128ALP-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 10Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 11Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 12Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Write Timing Waveform (2) (
OE low Fixed)
Notes: 1. A write occurs during the overlap of a low
CS1, a high CS2, and a low WE. A write begins at the
latest transition among
CS1 going low, CS2 going high, and WE going low. A write ends at the
earliest transition among
CS1 going high, CS2 going low, and WE going high. tWP is measured
from the beginning of write to the end of write.
2. tCW is measured from the later of CS1 going low or CS2 going high to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the earliest of CS1 or WE going high or CS2 going low to the end of write
cycle.
5. During this period, I/O pins are in the output state; therefore, the input signals of the opposite
phase to the outputs must not be applied.
6. If the
CS1 goes low simultaneously with WE going low or after the WE going low, the outputs
remain in a high impedance state.
7. Dout is the same phase of the latest written data in this write cycle.
8. Dout is the read data of next address.
9. If
CS1 is low and CS2 high during this period, I/O pins are in the output state. Therefore, the
input signals of opposite phase to the outputs must not be applied to them.
10. This parameter is sampled and not 100% tested.
11. In the write cycle with
OE low fixed, tWP must satisfy the following equation to avoid a problem of
11
HM628128A Series
Address
CS1
WE
Dout
Din
t WC
t CW
t WR
t AW
t WP
tAS
t WHZ
t OW
t OH
t DW
t DH
*9
*7
*8
*5
*1 *11
*6
*4
Address Valid
Data Valid
CS2
*2
*3
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com