Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF3035 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDMF3035
Description  Smart Power Stage (SPS) Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3035 Datasheet(HTML) 5 Page - ON Semiconductor

  FDMF3035 Datasheet HTML 1Page - ON Semiconductor FDMF3035 Datasheet HTML 2Page - ON Semiconductor FDMF3035 Datasheet HTML 3Page - ON Semiconductor FDMF3035 Datasheet HTML 4Page - ON Semiconductor FDMF3035 Datasheet HTML 5Page - ON Semiconductor FDMF3035 Datasheet HTML 6Page - ON Semiconductor FDMF3035 Datasheet HTML 7Page - ON Semiconductor FDMF3035 Datasheet HTML 8Page - ON Semiconductor FDMF3035 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Electrical Characteristics
Typical value is under VIN=12 V, VCC=PVCC=5 V and TA=TJ=+ 25°C unless otherwise noted. Minimum / Maximum
values are under VIN=12 V, VCC=PVCC=5 V ± 10% and TJ=TA=-40 ~ 125°C unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Basic Operation
ICC_SD
Quiescent Current with PWM
and FCCM Pin Floating (PS4
Mode)
ICC=IVCC
+
IPVCC,
PWM=Floating,
FCCM=Floating (Non-Switching)
6
11
µA
ICC_HIGH
Quiescent Current with PWM Pin
Floating and VFCCM=5 V
ICC=IVCC + IPVCC, PWM=Floating,
FCCM=5 V
80
µA
ICC_LOW
Quiescent Current with PWM Pin
Floating and VFCCM=0 V
ICC=IVCC + IPVCC, PWM=Floating,
FCCM=0V
120
µA
VUVLO_RISE
UVLO Rising Threshold
VCC Rising
3.4
3.9
V
VUVLO_FALL
UVLO Falling Threshold
VCC Falling
2.5
3.0
V
tD_POR
POR Delay to Enable IC
VCC UVLO Rising to Internal PWM
Enable
15
µs
FCCM Input
IFCCM_HIGH
Pull-Up Current
VFCCM=5 V
50
µA
IFCCM_LOW
Pull-Down Current
VFCCM=0 V
-50
µA
VIH_FCCM
FCCM High Level Input Voltage
VCC=PVCC=5 V
3.8
V
VTRI_FCCM
FCCM 3-State Window
VCC=PVCC=5 V
2.2
2.8
V
VIL_FCCM
FCCM Low Level Input Voltage
VCC=PVCC=5 V
1.0
V
tPS_EXIT
PS4 Exit Latency
VCC=PVCC=5 V
15
µs
PWM Input
IPWM_HIGH
Pull-Up Current
VFCCM=5 V
250
µA
IPWM_LOW
Pull-Down Current
VFCCM=0 V
-250
µA
VIH_PWM
PWM High Level Input Voltage
VCC=PVCC=5 V
4.1
V
VTRI_PWM
PWM 3-State Window
VCC=PVCC=5 V
1.6
3.4
V
VIL_PWM
PWM Low Level Input Voltage
VCC=PVCC=5 V
0.7
V
tD_HOLD-OFF
3-State Shut-off Time
VCC=PVCC=5 V, TJ=25°C
100
175
250
ns
PWM Propagation Delays & Dead Times (VIN=12 V, VCC=PVCC=5 V, fSW=1 MHz, IOUT=20 A, TA=25°C)
tPD_PHGLL
PWM HIGH Propagation Delay
PWM Going HIGH to GL Going
LOW, VIH_PWM to 90% GL
25
ns
tPD_PLGHL
PWM LOW Propagation Delay
PWM Going LOW to GH
(5) Going
LOW, VIL_PWM to 90% GH
15
ns
tPD_PHGHH
PWM HIGH Propagation Delay
(FCCM Held LOW)
PWM Going HIGH to GH Going
HIGH, VIH_PWM to 10% GH
(FCCM=LOW, IL=0, Assumes DCM)
15
ns
tPD_TSGHH
Exiting 3-State Propagation
Delay
PWM (from 3-State) Going HIGH to
GH Going HIGH, VIH_PWM to 10% GH
35
ns
tPD_TSGLH
Exiting 3-State Propagation
Delay
PWM (from 3-State) Going LOW to
GL Going HIGH, VIL_PWM to 10% GL
35
ns
tD_DEADON
LS Off to HS On Adaptive Dead
Time
SW <= -0.2 V with GH <= 10%, PWM
Transition LOW to HIGH
25
ns
tD_DEADOFF
HS Off to LS On Adaptive Dead
Time
SW <= -0.2 V with GL <= 10%, PWM
Transition HIGH to LOW
20
ns
Note:
5.
GH = Gate High, internal gate pin of the high-side MOSFET.
Continued on the following page…
www.onsemi.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com