Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF3035 Datasheet(PDF) 17 Page - ON Semiconductor

Part # FDMF3035
Description  Smart Power Stage (SPS) Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3035 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FDMF3035 Datasheet HTML 13Page - ON Semiconductor FDMF3035 Datasheet HTML 14Page - ON Semiconductor FDMF3035 Datasheet HTML 15Page - ON Semiconductor FDMF3035 Datasheet HTML 16Page - ON Semiconductor FDMF3035 Datasheet HTML 17Page - ON Semiconductor FDMF3035 Datasheet HTML 18Page - ON Semiconductor FDMF3035 Datasheet HTML 19Page - ON Semiconductor FDMF3035 Datasheet HTML 20Page - ON Semiconductor FDMF3035 Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
PCB Layout Guideline
Figure 30 and Figure 31 provide an example of single-
phase
layout
for
the
FDMF3035
and
critical
components. All of the high-current paths; such as VIN,
SW, VOUT, and GND coppers; should be short and
wide for low parasitic inductance and resistance. This
helps achieve a more stable and evenly distributed
current flow, along with enhanced heat radiation and
system performance.
Input ceramic bypass capacitors must be close to the
VIN and PGND pins. This reduces the high-current
power loop inductance and the input current ripple
induced by the power MOSFET switching operation.
The SW copper trace serves two purposes. In addition
to being the high-frequency current path from the SPS
package to the output inductor, it serves as a heat sink
for the low-side MOSFET. The trace should be short
and wide enough to present a low-impedance path for
the high-frequency, high-current flow between the SPS
and the inductor. The short and wide trace minimizes
electrical losses and SPS temperature rise. The SW
node is a high-voltage and high-frequency switching
node with high noise potential. Care should be taken to
minimize coupling to adjacent traces. Since this copper
trace acts as a heat sink for the low-side MOSFET,
balance using the largest area possible to improve SPS
cooling while maintaining acceptable noise emission.
An output inductor should be located close to the
FDMF3035 to minimize the power loss due to the SW
copper trace. Care should also be taken so the inductor
dissipation does not heat the SPS.
PowerTrench
® MOSFETs are used in the output stage
and are effective at minimizing ringing due to fast
switching. In most cases, no RC snubber on SW node is
required. If a snubber is used, it should be placed close
to the SW and PGND pins. The resistor and capacitor of
the snubber must be sized properly to not generate
excessive heating due to high power dissipation.
Decoupling capacitors on PVCC, VCC, and BOOT
capacitors should be placed as close as possible to the
PVCC ~ PGND, VCC ~ AGND, and BOOT ~ PHASE pin
pairs to ensure clean and stable power supply. Their
routing traces should be wide and short to minimize
parasitic PCB resistance and inductance.
The board layout should include a placeholder for small-
value series boot resistor on BOOT ~ PHASE. The boot-
loop size, including series RBOOT and CBOOT, should be
as small as possible.
A boot resistor may be required when the SPS is
operating above 15 V VIN and it is effective to control the
high-side MOSFET turn-on slew rate and SW voltage
overshoot. RBOOT can improve noise operating margin in
synchronous buck designs that may have noise issues
due to ground bounce or high positive and negative VSW
ringing. Inserting a boot resistance lowers the SPS
module efficiency. Efficiency versus switching noise
must be considered. RBOOT values from 0.5  to 4.7 
are typically effective in reducing VSW overshoot.
The VIN and PGND pins handle large current transients
with frequency components greater than 100 MHz. If
possible, these pins should be connected directly to the
VIN and board GND planes. The use of thermal relief
traces in series with these pins is not recommended
since this adds extra parasitic inductance to the power
path. This added inductance in series with either the
VIN or PGND pin degrades system noise immunity by
increasing positive and negative VSW ringing.
PGND pad and pins should be connected to the GND
copper plane with multiple vias for stable grounding.
Poor grounding can create a noisy and transient offset
voltage level between PGND and AGND. This could
lead to faulty operation of gate driver and MOSFETs.
Ringing at the BOOT pin is most effectively controlled
by close placement of the boot capacitor. Do not add
any additional capacitors between BOOT to PGND. This
may lead to excess current flow through the BOOT
diode, causing high power dissipation.
The FCCM pin integrates weak internal pull-up and pull-
down current sources. The current sources are used to
help hold the FCCM in the 3-state window. This pin
should not have any noise filter capacitors if actively
driven by a PWM controller. Do not float this pin.
Multiple vias should be placed on the VIN and VOUT
copper areas to interconnect nodes that are located on
multiple layers (top, inner, and bottom layers). The vias
help
to
evenly
distribute
current
flow
and
heat
conduction.
Care should be taken when routing the copper pour area
and via placement on the SW copper. A large SW node
copper pour can result in excessive parasitic inductance
and capacitance, which can increase switching noise.
However, the copper pour area and via placement can
affect the efficiency and thermal performance, where a
large copper pour can help decrease thermal resistance
and parasitic resistance. If possible, place the SW node
copper on the top layer with no vias on the SW copper to
minimize switch node parasitic noise. If multiple SW node
layers are needed, vias should be relatively large and of
reasonably low inductance.
Critical high-frequency components; such as RBOOT,
CBOOT, RC snubber, and bypass capacitors; should be
located as close to the respective SPS module pins as
possible on the top layer of the PCB. If this is not
feasible, they can be placed on the board bottom side
and their pins connected from bottom to top through a
network of low-inductance vias.
www.onsemi.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com