Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF3035 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FDMF3035
Description  Smart Power Stage (SPS) Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3035 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FDMF3035 Datasheet HTML 4Page - ON Semiconductor FDMF3035 Datasheet HTML 5Page - ON Semiconductor FDMF3035 Datasheet HTML 6Page - ON Semiconductor FDMF3035 Datasheet HTML 7Page - ON Semiconductor FDMF3035 Datasheet HTML 8Page - ON Semiconductor FDMF3035 Datasheet HTML 9Page - ON Semiconductor FDMF3035 Datasheet HTML 10Page - ON Semiconductor FDMF3035 Datasheet HTML 11Page - ON Semiconductor FDMF3035 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Typical Performance Characteristics
Test Conditions: VIN=12 V, VCC=PVCC=5 V, VOUT=1 V, LOUT=250 nH, TA=25°C and natural convection cooling, unless
otherwise noted.
Figure 10.
Power Loss vs. Driver Supply Voltage
Figure 11.
Power Loss vs. Output Voltage
Figure 12.
Power Loss vs. Output Inductor
Figure 13.
Driver Supply Current vs. Switching
Frequency
Figure 14.
Driver Supply Current vs. Driver
Supply Voltage
Figure 15.
Driver Supply Current vs. Output Current
0.90
0.95
1.00
1.05
1.10
1.15
4.0
4.5
5.0
5.5
6.0
Driver Supply Voltage, PVCC & VCC [V]
VIN = 12V, VOUT = 1V, FSW = 500kHz, IOUT = 30A
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Module Output Voltage, VOUT [V]
VIN = 12V, PVCC & VVCC = 5V, FSW = 500kHz, IOUT = 30A
0.990
0.992
0.994
0.996
0.998
1.000
1.002
200
250
300
350
400
450
500
Output Inductor, LOUT [nH]
VIN = 12V, PVCC & VVCC = 5V, FSW = 500kHz, VOUT = 1V, IOUT = 30A
0.01
0.015
0.02
0.025
0.03
0.035
0.04
200
300
400
500
600
700
800
900
1000
1100
Module Switching Frequency, FSW [kHz]
VIN = 12V, PVCC & VCC = 5V, VOUT = 1V, IOUT = 0A
0.012
0.014
0.016
0.018
0.02
0.022
0.024
4.0
4.5
5.0
5.5
6.0
Driver Supply Voltage, PVCC & VVCC [V]
VIN = 12V, VOUT = 1V, FSW = 500kHz, IOUT = 0A
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
0
5
10
15
20
25
30
35
40
45
50
55
Module Output Current, IOUT [A]
FSW = 300kHz
FSW = 1000kHz
VIN = 12V, PVCC & VVCC = 5V, VOUT = 1V
www.onsemi.com
2
www.onsemi.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com