Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF3035 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FDMF3035
Description  Smart Power Stage (SPS) Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3035 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FDMF3035 Datasheet HTML 2Page - ON Semiconductor FDMF3035 Datasheet HTML 3Page - ON Semiconductor FDMF3035 Datasheet HTML 4Page - ON Semiconductor FDMF3035 Datasheet HTML 5Page - ON Semiconductor FDMF3035 Datasheet HTML 6Page - ON Semiconductor FDMF3035 Datasheet HTML 7Page - ON Semiconductor FDMF3035 Datasheet HTML 8Page - ON Semiconductor FDMF3035 Datasheet HTML 9Page - ON Semiconductor FDMF3035 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical Characteristics
Typical value is under VIN=12 V, VCC=PVCC=5 V and TA=TJ=+ 25°C unless otherwise noted. Minimum / Maximum
values are under VIN=12 V, VCC=PVCC=5 V ± 10% and TJ=TA=-40 ~ 125°C unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
High-Side Driver (HDRV, VCC = PVCC = 5 V)
RSOURCE_GH
Output Impedance, Sourcing
Source Current=100 mA
1.0
2.5
Ω
ISOURCE_GH
Output Sourcing Peak Current
GH=2.5 V
2
A
RSINK_GH
Output Impedance, Sinking
Sink Current=100 mA
1.0
2.5
Ω
ISINK_GH
Output Sinking Peak Current
GH=2.5 V
4
A
tR_GH
GH Rise Time
GH=10% to 90%, CLOAD=3.0 nF
8
ns
tF_GH
GH Fall Time
GH=90% to 10%, CLOAD=3.0 nF
8
ns
Low-Side Driver (LDRV, VCC=PVCC = 5 V)
RSOURCE_GL
Output Impedance, Sourcing
Source Current=100 mA
1.0
2.5
Ω
ISOURCE_GL
Output Sourcing Peak Current
GL=2.5 V
2
A
RSINK_GL
Output Impedance, Sinking
Sink Current=100 mA
0.5
Ω
ISINK_GL
Output Sinking Peak Current
GL=2.5 V
4
A
tR_GL
GL Rise Time
GL=10% to 90%, CLOAD=3.0 nF
8
ns
tF_GL
GL Fall Time
GL=90% to 10%, CLOAD=3.0 nF
4
ns
Boot Diode
VF
Forward-Voltage Drop
IF=10 mA
0.6
V
VR
Breakdown Voltage
IR=1 mA
30
V
www.onsemi.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com