| Electronic Components Datasheet Search |
|
PNX2000 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PNX2000 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 31 page ![]() 9397 750 13928 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. Product data Rev. 03 – 23 August 2004 13 of 31 Philips Semiconductors PNX2000 Audio video input processor 7.2 Interfaces 7.3 Features in detail 7.3.1 Video • Automatic Gain Control (AGC) to correct amplitude errors at input source. • Synchronization identification (used for channel search). • Sync processing for 1fH and 2fH video input source. • Standard detection of PAL, NTSC or SECAM and various 1fH and 2fH component video input sources. 1fH video • Color decoding (ITU-601) for PAL, NTSC or SECAM input sources. • 2D comb filtering. • Support for component video sources with sync on CVBS or green. • Fastblank insertion of RGB signals onto CVBS input. 2fH video • Support for various progressive and interlaced component video sources. • Synchronization of video sources with sync on Y or external H/V inputs. VBI data capture TV sound decoder DEMDEC DSP Demodulation, decoding of terrestrial TV audio standards . Audio processor AUDIO DSP Processing analog and digital audio sources. Data Capture Unit DCU Acquires VBI data (Teletext; CC; VPS) and formats in a stream. Formatter unit ITU-656 Formats YUV, VBI data and CVBS data in ITU-656. Bus Control Unit BCU Bus arbitration among all the internal blocks. Table 17: Block function…continued Function Block Description Table 18: Interfaces Interface Description I2C-bus The PNX2000 IC is controlled using an I2C-bus. It performs like an I2C-bus to PI-bus bridge, i.e. translates I2C-bus slave received commands to PI-bus master commands. I2D Receives data in three streams from PNX3000. I2S-bus Serial digital audio interface (6 stereo inputs, 6 stereo outputs) for connection to other devices that support the I2S-bus standard. Can be used to receive decoded sound from a multi-channel digital audio decoder, provide additional ADCs and DACs, or loop audio signals through an external processor or delay line. ITU-656 Mainly intended to transfer output data stream externally to the PNX8550, but the output data stream could also be readable by other ITU-656 input devices that implement data valid signalling. DACS Digital-analog converters used to generate analog outputs from Sound Core. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |