Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNX2000 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PNX2000
Description  Audio video input processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PNX2000 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PNX2000 Datasheet HTML 22Page - NXP Semiconductors PNX2000 Datasheet HTML 23Page - NXP Semiconductors PNX2000 Datasheet HTML 24Page - NXP Semiconductors PNX2000 Datasheet HTML 25Page - NXP Semiconductors PNX2000 Datasheet HTML 26Page - NXP Semiconductors PNX2000 Datasheet HTML 27Page - NXP Semiconductors PNX2000 Datasheet HTML 28Page - NXP Semiconductors PNX2000 Datasheet HTML 29Page - NXP Semiconductors PNX2000 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
9397 750 13928
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data
Rev. 03 – 23 August 2004
26 of 31
Philips Semiconductors
PNX2000
Audio video input processor
12. Package outline
Fig 7.
LQFP package outline
UNIT
A1
A2
A3
bp
c
E(1)
e
HE
L
Lp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
1.45
1.35
0.25
0.27
0.17
0.20
0.09
20.1
19.9
0.5
22.15
21.85
1.4
1.1
7
0
o
o
0.08
0.2
0.08
1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT486-1
136E23
MS-026
00-03-14
03-02-20
D(1)
(1)
(1)
20.1
19.9
HD
22.15
21.85
E
Z
1.4
1.1
D
0
5
10 mm
scale
bp
e
θ
E
A1
A
L p
detail X
L
(A )
3
B
c
b p
E
H
A2
D
H
v M B
D
Z D
A
Z E
e
v M A
X
y
w M
w M
A
max.
1.6
LQFP144: plastic low profile quad flat package; 144 leads; body 20 x 20 x 1.4 mm
SOT486-1
108
109
pin 1 index
73
72
37
1
144
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com