Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNX2000 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PNX2000
Description  Audio video input processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PNX2000 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PNX2000 Datasheet HTML 17Page - NXP Semiconductors PNX2000 Datasheet HTML 18Page - NXP Semiconductors PNX2000 Datasheet HTML 19Page - NXP Semiconductors PNX2000 Datasheet HTML 20Page - NXP Semiconductors PNX2000 Datasheet HTML 21Page - NXP Semiconductors PNX2000 Datasheet HTML 22Page - NXP Semiconductors PNX2000 Datasheet HTML 23Page - NXP Semiconductors PNX2000 Datasheet HTML 24Page - NXP Semiconductors PNX2000 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
9397 750 13928
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data
Rev. 03 – 23 August 2004
21 of 31
Philips Semiconductors
PNX2000
Audio video input processor
[1]
Allowed SCK/WS ratios are 32, 48, 64, 128 and 256 SCK periods per WS period.
[2]
All timings relative to the rising edge of SCK.
[3]
See Section 10.4 for waveforms.
th(DATA)
data hold at Rx
40 pF load
-
-
4.9
ns
I2S
fs
audio sample frequency
-
32
48
48
kHz
fSCK
SCK frequency
I2S-bus master mode
-
64fs
--
fSCK
SCK frequency
I2S-bus slave mode
32fs
64fs
256fs
-
DFSCK
SCK duty factor
I2S-bus master mode
40
50
60
%
DFSCK
SCK duty factor
I2S-bus slave mode
35
-
65
%
tRSCK
SCK rise / fall time
I2S-bus master mode; Cload = 30 pF
-
-
5
ns
tRSCK
SCK rise / fall time
I2S-bus slave mode; fSCK = 3.072 MHz -
-
50
ns
td
delay time: SCK to WS and SD
outputs [2]
TSCK = 1/fSCK
0.3
0.5
0.7
TSCK
th
hold time: SCK to WS and SD inputs -
0
-
-
ns
ts
setup time: WS and SD inputs to
SCK
TSCK = 1/fSCK
0.2
-
-
TSCK
I2D
fclock(WORD) word clock frequency
-
-
13.5
-
MHz
WL
word length
-
-
44
-
bit
DR
data rate
-
-
594
-
Mbit/s
fclock(BIT)
bit clock freq.
-
-
297
-
MHz
JTAG Clock Reset
tlow
Time RESET_N should be below
Vtrip_high before internal reset = 1.
RESET_SEL = 0
-
-
11
µs
thigh
Time RESET_N should be above
Vtrip_high before internal reset = 0
(after tpulse).
RESET_SEL = 0
-
-
2
µs
tpulse
Time before PNX2000 internal reset
= 0 [3].
RESET_SEL = 0
200
-
-
ns
Table 23:
Dynamic characteristics…continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com