Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNX2000 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PNX2000
Description  Audio video input processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PNX2000 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PNX2000 Datasheet HTML 14Page - NXP Semiconductors PNX2000 Datasheet HTML 15Page - NXP Semiconductors PNX2000 Datasheet HTML 16Page - NXP Semiconductors PNX2000 Datasheet HTML 17Page - NXP Semiconductors PNX2000 Datasheet HTML 18Page - NXP Semiconductors PNX2000 Datasheet HTML 19Page - NXP Semiconductors PNX2000 Datasheet HTML 20Page - NXP Semiconductors PNX2000 Datasheet HTML 21Page - NXP Semiconductors PNX2000 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
9397 750 13928
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data
Rev. 03 – 23 August 2004
18 of 31
Philips Semiconductors
PNX2000
Audio video input processor
Table 21:
Static characteristics: digital pins
Tamb = 0 °C to +70 °C to commercial unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I2S inputs: I2S_IN_SD1-6, I2C Address: I2C_ADR
IIL
LOW-level input current
Vi = 0
-
-
1
µA
VI
input voltage
-
0
-
5.5
V
VIH
HIGH-level input voltage
-
2.0
-
-
V
VIL
LOW-level input voltage
-
-
-
0.8
V
IPD
pull-down current
Vi = VDD(I/O)
20
50
75
µA
External Sync: VSYNC1, VSYNC2, Reset: RESET_SEL, ITU-656: LL_CLK
IIL
LOW-level input current
Vi = 0
-
-
1
µA
IIH
HIGH-level input current
Vi = VDD(I/O)
--
1
µA
VI
input voltage
-
0
-
5.5
V
VIH
HIGH-level input voltage
-
2.0
-
-
V
VIL
LOW-level input voltage
-
-
-
0.8
V
Jtag inputs: TDI, TCK, TRST_N, TMS
IIH
HIGH-level input current
Vi = VDD(I/O)
--
1
µA
VI
input voltage
-
0
-
5.5
V
VIH
HIGH-level input voltage
-
2.0
-
-
V
VIL
LOW-level input voltage
-
-
-
0.8
V
Vhys
hysteresis voltage
-
-
0.3
-
V
IPU
pull-up current
Vi = 0
−25
−50
−65
µA
VDD(I/O) < Vi < 5 V
0
0
0
µA
I2C Pins: I2C_SDA, I2C_SCL
CI
input capacitance
-
-
5
-
pF
ILI
input leakage current [1]
VDD(3V3) = 3.3 V; Tamb = 25 °C
1.37
1.85
2.45
µA
IIN(MAX)
max. input current [2]
at 5 V
8.20
10.7
12.45
µA
VI
input voltage
-
0
-
5
V
VIL
LOW-level input voltage
-
-
-
0.8
V
VIH
HIGH-level input voltage
-
2.0
-
-
V
VOL
LOW-level output voltage
-
-
-
0.4
V
IOL
LOW-level output current
VOL=0.4V
-
8.45
-
mA
ITU-656 Outputs: DVO_DATA_0-9, DVO_VALID, DVO_CLK
Ioz
3-state output leakage
VO = 0
VO = VDD(I/O)
--
1
µA
VI
input voltage
-
0
-
5.5
V
VOH
HIGH-level output voltage
IOH = −4 mA
2.4
-
-
V
VOL
LOW-level output voltage
IOL = 4 mA
-
-
0.4
V
IOH
HIGH-level output current
VOH = 2.4
−4-
-
mA
IOL
LOW-level output current
VOL = 0.4 V
4
-
-
mA
IOH
HIGH-level short circuit current
VOH = 0
-
-
−45
mA
IOL
LOW-level short circuit current
VOL = VDD(I/O)
--
50
mA
I2S I/O: I2S_SCK_SYS, I2S_WS_SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com