Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM4104ASEB Datasheet(PDF) 7 Page - Sames

Part # RM4104ASEB
Description  Low-Cost Watt-Hour Energy Meter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

RM4104ASEB Datasheet(HTML) 7 Page - Sames

Back Button RM4104ASEB Datasheet HTML 3Page - Sames RM4104ASEB Datasheet HTML 4Page - Sames RM4104ASEB Datasheet HTML 5Page - Sames RM4104ASEB Datasheet HTML 6Page - Sames RM4104ASEB Datasheet HTML 7Page - Sames RM4104ASEB Datasheet HTML 8Page - Sames RM4104ASEB Datasheet HTML 9Page - Sames RM4104ASEB Datasheet HTML 10Page - Sames RM4104ASEB Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
http://www.sames.co.za
7/16
PRELIMINARY
RM4104ASEB
between the SA4104A and the power supply (in the place
of J9, J10 and J11) and on the two shunt connections to
the PCB. The voltage input network cannot be protected
with a ferrite bead but this is typically not necessary
because the attenuation is very high.
Further protection mechanisms are related to the PCB
layout and are described in the next section.
PCB DESIGN CONSIDERATIONS
There are numerous PCB design aspects to consider when
designing
an
energy
meter
using
SA4104A.
These
principles have all been incorporated in the sample PCB
layout given in the “PCB Layout” section.
The first is the location of critical components. The current
and voltage sensing input resistors (R17 to R21) with their
associated low pass filtering capacitors (C11 to C13)
should be located as close to the device pins as possible.
The same holds for the reference resistor (R22) with its
associated filtering capacitor (C14) and the supply bypass
capacitors (C8 to C10).
The SA4104A should be placed on a solid ground plane
that is connected to the AGND pin of the device. This
ground plane should be kept clear of noise by only
connecting it to the ground plane of the power supply and
the LIVE IN input at a single point. It should also be kept
away from any high frequency, high voltage or high current
signals that may induce noise. For example, the first
section of the voltage input attenuation network (R6 and
R7) should be placed far away from this ground plane. If a
ferrite bead is used to connect the rest of the meter's
ground to this ground plane then identical ferrite beads
must be placed into the power supply lines (VDD and VSS)
and into the current input lines from the shunt. If a single
ferrite bead is placed some signals are filtered and others
are not, which will create differential noise between the
unfiltered and the filtered signals. This will affect the
performance
of
the
SA4104A
in
the
presence
of
electromagnetic disturbance.
As far as the immunity to electromagnetic interference is
concerned the guideline is simply to minimize the parasitic
inductance. Each PCB net has a parasitic inductance and if
this is not sufficiently small it could cause resonance with
the parasitic capacitance at low enough frequencies to
affect the performance on the HF interference test or the
FTB test. Keeping the PCB tracks as short as possible is
one method to avoid this scenario. Parasitic inductance is
also a factor that can render the MOV almost useless
because a voltage spike can be amplified in both
magnitude
and
duration
by
series
inductance.
The
capacitor in parallel with the MOV cancels some of this
inductance but still all measures to avoid parasitic
inductance should be adhered to.
EXAMPLE DESIGNS
Example1
Nominal voltage: 220V
Maximum current: 40A
Basic current:
10A
Shunt:
320
μ
Ω ; 12,5mV@ 40A
Pulse constant:
1600imp/kWh
Motor constant:
100imp/kWh
Using the design equations derived earlier:
equation(1):
R18, R19, R20, R21=200
Ω
equation(2):
choose C11, C12, C13=100nF to obtain
f-3dB =15.9kHz which is adequate
equation(4):
R16=100
Ω
equation(5):
R17=10k
Ω
equation(8):
RX =200k
Ω
equation(9):
choose R6=100k
Ω and obtain R7=75kΩ
equation(10):
R8=20k
Ω
equation(11):
R9 = 10k
Ω, R10 = 4.7kΩ, R11 = 2.4kΩ,
R12 = 1.2k
Ω, R13 = 620Ω, R14 = 300Ω
and R15 = 150
Ω. Some ratios are not
entirely accurate, but to ensure low cost
it is important to use only standard
resistor values.
equation(12):
using IVP=11 obtain DF_LED=879
equation(13):
DF_MO=16
Using Table 2 set FMS = '0', R3 = '1', R2 = '0',
R1 = '1' and R0 = '0'.
Example 2
Nominal voltage:
220V
Maximum current: 10A
Basic current:
2.5A
Shunt:
1m
Ω ;10mV @ 10A
Pulse constant:
3200imp/kWh
Motor constant:
100imp/kWh
Using the design equations derived earlier:
equation(1):
R18, R19, R20, R21 = 156 so set the
value to 150 , the input current at IMAX
will be 16.7
μA which is still sufficiently
below the saturation point of the current
inputs
equation(2):
choose C11, C12, C13=100nF to obtain
f-3dB =21.2 kHz which is still adequate
equation(4):
R16=75
equation(5):
R17=7.5k
The
calibration
network
remains
unchanged
from
example1.
equation(12):
using IVP=11 obtain DF_LED=1758
equation(13):
DF_MO=32
Using Table 2 set FMS = '0', R3 = '0', R2 = '0',
R1 = '1' and R0 = '1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com