Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM4104ASEB Datasheet(PDF) 8 Page - Sames

Part # RM4104ASEB
Description  Low-Cost Watt-Hour Energy Meter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

RM4104ASEB Datasheet(HTML) 8 Page - Sames

Back Button RM4104ASEB Datasheet HTML 4Page - Sames RM4104ASEB Datasheet HTML 5Page - Sames RM4104ASEB Datasheet HTML 6Page - Sames RM4104ASEB Datasheet HTML 7Page - Sames RM4104ASEB Datasheet HTML 8Page - Sames RM4104ASEB Datasheet HTML 9Page - Sames RM4104ASEB Datasheet HTML 10Page - Sames RM4104ASEB Datasheet HTML 11Page - Sames RM4104ASEB Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
http://www.sames.co.za
8/16
PRELIMINARY
RM4104ASEB
USING THE RM4104ASEB METER
RM4104ASEB SETUP
The
RM4104ASEB
meter
is
equipped
with
several
solderable selectors, which allow the meter to be set up
according to the required specifications. Table 3 describes
the functionality of the various jumpers. When working on
the meter it should be noted that the meter is referenced to
the live voltage and care should be taken to avoid electric
shock.
Name
Option
Description
J1
to
J8
Closed
or
Open
These
jumpers
are
used
for
calibration purposes. Refer to the
"Calibrating the Meter" section.
J9
to
J11
Closed
or
Open
Closing these jumpers will connect
the on-board power supply to the
SA4104A and leaving them open will
disconnect
the
on-board
power
supply from the SA4104A. This may
be useful for debugging purposes.
J12
to
J16
VDD
or
VSS
Used to select the required rated
conditions. Refer to the "Setup of R0,
R1, R2, R3 and FMS for Different
Rated Conditions" section.
Table 3: RM4104ASEB Jumper options
EXTERNAL CONNECTIONS
The meter should be connected as shown in Table 4 and
illustrated in Figure 5. The shunt is connected to J19, the
Live In to J21 and the Neutral to J20. The external “+” and
“-“ terminals on the box are connected to the opto-isolator
output, J22. The stepper motor is connected to J23.
Name
Function Description
1
LIVE IN: Live current input and Live voltage
input if supplied separately
2
LIVE OUT: Live current output
3
No connection (Neutral output if required)
4
NEUTRAL: Neutral Voltage
+ and -
Opto-isolated pulse output. This should be
connected to the measurement or calibration
equipment if no optical pickup is available.
Table 4: External connection description
CALIBRATING THE METER
The RM4104ASEB is calibrated by means of a resistive
ladder on the voltage sensing network. The eight resistors
can be chosen to represent any desired calibration range.
The calibration accuracy can be extended by adding
resistors to the ladder network. Soldering a jumper in
parallel with a resistor closed will remove that resistor form
the voltage divider network thereby providing a higher input
current to the SA4104A. The RM4104ASEB is calibrated
by first short circuiting resistor R8. If the error is now
positive a larger resistance is required so the jumper
across R8 is opened before proceeding to the next resistor
in the network (R9). If the error is negative then the
process can be continued with the next resistor. These
steps are repeated for all eight resistors in the ladder
network. The SA4104A is linear over the dynamic range
required by the IEC61036 specification, so calibration is
only required at one current value. Typically the basic
current (Ib) is chosen as the calibration point. The
repeatability of error measurements at Ib is typically better
than 0.1%so the error of the meter can be measured
accurately by a single integration of a very small number of
pulses.
1
2
34
-
+
LIVE IN
LIVE OUT
NEUTRAL
Isolated Pulse Output
1
2
34
-
+
LIVE IN
LIVE OUT
NEUTRAL
Isolated Pulse Output
Figure 5: External connection diagram for the
RM4104ASEB meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com