Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM4104ASEB Datasheet(PDF) 4 Page - Sames

Part # RM4104ASEB
Description  Low-Cost Watt-Hour Energy Meter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

RM4104ASEB Datasheet(HTML) 4 Page - Sames

  RM4104ASEB Datasheet HTML 1Page - Sames RM4104ASEB Datasheet HTML 2Page - Sames RM4104ASEB Datasheet HTML 3Page - Sames RM4104ASEB Datasheet HTML 4Page - Sames RM4104ASEB Datasheet HTML 5Page - Sames RM4104ASEB Datasheet HTML 6Page - Sames RM4104ASEB Datasheet HTML 7Page - Sames RM4104ASEB Datasheet HTML 8Page - Sames RM4104ASEB Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
http://www.sames.co.za
4/16
PRELIMINARY
RM4104ASEB
which should easily satisfy the condition that RX should be
significantly larger than R16. It must be noted that RX
changes during calibration of the meter, so if the stated
condition is not met, the -3dBcut-off frequency of the voltage
sensing network will change during calibration of the meter
which is not desirable.
A calibration mechanism is required to compensate for
component tolerances. The SA4104A and the shunt resistor
are the components that will exhibit the widest tolerances.
The combination of these two can have variations in the
order of ±10%. All resistors should be 1% metal film
resistors so that the resistor tolerance is low and can be
ignored. The total tuning range is therefore 20%. A binary
weighted series combination of eight resistors will therefore
allow calibration to an accuracy of 20%/256 = 0.78% which
is considered sufficient for a low-cost class 1 energy meter.
To achieve approximately 10% tuning range in either
direction around the nominal point the highest resistance in
the calibration network (R8) should therefore be 10% of RX
with each subsequent resistor having half the value of the
previous one. The values of the voltage divider and
calibration network are then designed using
R6 + R7 = RX - 10%RX = 0.9RX ,
(9)
R9 = 10%RX ,
(10)
R9 = 0.5 x R8, R10 = 0.5 x R9, R11 = 0.5 x R10, etc
(11)
This topology of current and voltage input networks has
some advantages for mass production. The first is that the
value of RX which is used to determine the calibration
network is independent of R16. This is important because
the value of R16 is half that of the current input resistors
(R18 to R21) which will be specific to the shunt. The shunt
can therefore be changed without having to adapt the
calibration network, i.e. the calibration network is universal.
Secondly, one of the input networks can be used to
intentionally introduce a phase shift between the voltage
and the current signal networks by reducing the cut-off
frequency. This allows phase shift compensation to be
performed for certain shunts that may exhibit phase shift
due to high shunt inductance.
SA4104A RELATED CIRCUITRY
All aspects discussed in this section are illustrated on the
complete meter schematic (Figure 6). The SA4104Arequires
a split supply of +2.5V (VDD) and 2.5V (VSS) around the
meter ground node, which has to be connected to the
AGND pin of the SA4104A. These three supply lines have to
be properly decoupled using capacitors C8 and C9 (220nF
ceramic each) between the supplies and ground and C10
(1
μF ceramic) between the two supplies. These capacitors
are required to achieve good performance and have to be
placed as close to the device as possible. Their placement
is as important as their presence, placing them more then a
few millimeters away from the device renders them useless.
The on-chip reference current is derived from a 47k
Ω
resistor (R22) connected between VREF and VSS. This
resistor must be a 1% tolerance metal film type or similar.
The metal film ensures that less noise will be induced into
the device pin. A 220nF ceramic capacitor (C14) must also
be connected between the VSS side of the resistor and
ground for noise filtering the reference current.
The internal pulse dividers of the SA4104A are configured
through the pins R3, R2, R1, R0 and FMS. These pins must
either be tied to VDD or VSS. The FMS pin can be left
floating to enable a fast pulse output mode which is typically
not applicable to a low-cost energy meter of this type. These
setup pins can be directly connected to VDD or VSS, no
pull-up or pull-down resistors are required.
The stepper motor used to display the consumed energy
should be connected to the MOP and MON pins through two
small
current
limiting
resistors
(R24
and
R25).
For
calibration and performance verification purposes an LED
and opto-isolator are connected in series to the LED output
pin of the SA4014A. This output is active low so the LED
and opto-isolator are connected through a current limiting
resistor to VDD.
For more elaborate information on setting up and using the
SA4104A, refer to the SA4104A datasheet available on the
SAMES website at www.sames.co.za or from any SAMES
representative.
SETUP OF R0, R1, R2, R3 AND FMS FOR
DIFFERENT RATED CONDITIONS
The following equations and table state the basic pulse
constants
and
motor
constants
obtainable
with
the
SA4104A.
The pulse rate of the LED output is:
MAX
NOM
LED
I
V
1000
3600
LED
_
DF
1
5000
16
IVP
p/kWh
×
×
×
×
×
=
(12)
where IVP is the input current to the SA4104A at VNOM . For
VNOM =220V this should typically be 11μA.
The motor output pulse rate is
MO
_
DF
1
p/kWh
p/kWh
MOTOR
MOTOR
×
=
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com