Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM4104ASEB Datasheet(PDF) 6 Page - Sames

Part # RM4104ASEB
Description  Low-Cost Watt-Hour Energy Meter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

RM4104ASEB Datasheet(HTML) 6 Page - Sames

Back Button RM4104ASEB Datasheet HTML 2Page - Sames RM4104ASEB Datasheet HTML 3Page - Sames RM4104ASEB Datasheet HTML 4Page - Sames RM4104ASEB Datasheet HTML 5Page - Sames RM4104ASEB Datasheet HTML 6Page - Sames RM4104ASEB Datasheet HTML 7Page - Sames RM4104ASEB Datasheet HTML 8Page - Sames RM4104ASEB Datasheet HTML 9Page - Sames RM4104ASEB Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
http://www.sames.co.za
6/16
PRELIMINARY
RM4104ASEB
The output voltage of the first regulator will be close to 5.6V
and that of the second stage 3.1V. The 3.3V zener diode
should be biased at approximately 3mA so the bias
resistors R4 and R5 should be (5.6V-3.1V)/3mA=820
Ω.
The half-wave rectifier output at nominal load current is
typically in the order of 12V. The 5.6V zener diode does not
require a very high bias current given that its line regulation
is not critical, so a bias current between 2mA and 3mA is
sufficient. The bias resistors R2 and R3 should therefore
be set at (12V-5.6V)/ 5.5mA
≈ 1k
Ω.
The final consideration is the temperature stability of the
supply. A 3.3V zener diode typically has a temperature
coefficient of -2mV/ºC. The VBE of the output transistor
exhibits a similar temperature coefficient, leading to a total
temperature coefficient of between -4mV/ºC and -5mV/ºC.
This will cause significant voltage drop over the meter's
standard operating range and could lead to accuracy
problems on the SA4014A. The 5.6V zener diode on the
other hand has a positive temperature coefficient, typically
in the order of +2mV/ºC. As the temperature increases the
current through R4 and R5 will therefore increase and will
cause the output voltage of the 3.3V zener regulator to
increase due to the low bias current as well as the high on
resistance of the 3.3V zener diode. This configuration
almost cancels the temperature coefficient of the output
voltage of the regulator.
The series capacitor and resistor (C2 and R1) limit the
current drawn from the mains supply and determine the
power consumption (VA rating) of the supply. A 390nF
capacitor is sufficient to ensure a power supply that
operates over a range of 220V±20%. In this state the
supply consumes about 6VA. If a meter is designed for a
lower nominal mains voltage (i.e. 110V) the value of this
capacitor has to be scaled accordingly to about 820nF.
Some filtering is required on the output of the supply in the
form of two ceramic capacitors (C6 and C7) to ensure that
high frequency signals cannot reach the SA4014A through
the supply lines. These capacitors should be placed close
to the transistors to ensure that noise is filtered at its
source. A 10
μF electrolytic capacitor is required to filter out
any low frequency noise spikes in the power supply
voltage.
IMMUNITY TO ELECTROMAGNETIC
DISTURBANCE
The typical electromagnetic disturbances that can cause
the meter to fail or incorrectly record energy are:
n
Electrostatic discharge and surges
n
Electromagnetic HF (high frequency) fields
n
Fast transient burst (FTB)
Typically these disturbances will either cause complete and
permanent failure by damaging the sensitive CMOS
circuitry of the SA4104A through high voltage levels or
cause
incorrect
registration
of
energy
through
high
frequency signals that are aliased into the operating
bandwidth of the device, thereby disrupting the energy
calculation algorithm. The immunity of a class 1 watt-hour
meter to these types of disturbances is prescribed by the
IEC61036 specification.
Generally two protection mechanisms are required. The
first is to ensure that dangerously high voltage levels are
sufficiently attenuated or clamped so that no permanent
damage can occur to the SA4104A and other sensitive
components. To ensure this the complete meter is
protected with an MOV S20K275 (Metal Oxide Varistor) to
clamp any high voltage potentials. A 10nF capacitor (C1) is
placed in parallel with the MOV to ensure that any parasitic
inductance that can increase the amplitude and duration of
dangerous voltage spikes, is cancelled. The LIVE IN and
NEUTRAL inputs are connected directly across the MOV
with the lowest possible impedance. With the MOV and C1
in place all extremely high voltage levels are clamped.
Typically a larger MOV can absorb more energy and will
therefore be more effective at clamping high voltage levels
to protect the SA4104A. The subsequent filtering and
attenuation of the input networks will also ensure that no
damage can occur to the SA4104A by further reducing the
Voltage levels that can reach the device.
An MOV alone will not be sufficient to ensure that the
meter's performance is not affected by the presence of
electromagnetic disturbances during operation. All high
frequency signal components need adequate filtering by
the filters in the current sensing network, voltage sensing
network and the power supply. This should ensure that the
meters performance is not affected by the presence of high
frequency signals that are directly applied (FTB test) or
induced (HF immunity test). The immunity to these types of
interference can be improved by reducing the cut-off
frequency of the filter networks. This is however only
practical to a certain point, before matching between the
filters on the voltage and current channel cause linearity
issues at non-unity power factor. Alternatively ferrite beads
could be used to enhance the filtering, by using them



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com