Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC4053AFT Datasheet (PDF) - Toshiba Semiconductor

74VHC4053AFT Datasheet PDF - Toshiba Semiconductor
Part # 74VHC4053AFT
Download  74VHC4053AFT Download
File Size   327.81 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC4053AFT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC4053AFT Datasheet PDF - Toshiba Semiconductor

Part # 74VHC4053AFT
Download  74VHC4053AFT Click to download

File Size   327.81 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC4053AFT Datasheet (HTML) - Toshiba Semiconductor


74VHC4053AFT Product details

Functional Description
74VHC4051AFT:8-Channel Analog Multiplexer/Demultiplexer
74VHC4052AFT:Dual 4-Channel Analog Multiplexer/Demultiplexer
74VHC4053AFT:Triple 2-Channel Analog Multiplexer/Demultiplexer

General
The 74VHC4051AFT, 74VHC4052AFT and 74VHC4053AFT are high-speed, low-voltage drive analog
multiplexer/demultiplexers using silicon gate CMOS technology. In 3 V and 5 V systems these can achieve highspeed
operation with the low power dissipation that is a feature of CMOS.
The 74VHC4051AFT, 74VHC4052AFT and 74VHC4053AFT offer analog/digital signal selection as well as mixed
signals. The 74VHC4051AFT has an 8-channel configuration, the 74VHC4052AFT has an 4-channel ×2
configuration, and the 74VHC4053AFT has a 2-channel ×3 configuration.
The switches for each channel are turned ON by the control pin digital signals.
All control inputs are equipped with a newly developed input protection circuit that avoids the need for a diode
on the plus side (forward side from the input to the VCC). As a result, for example, 5.5 V signals can be permitted
on the inputs even when the power supply voltage to the circuits is off. As a result of this input power protection,
the 74VHC4051AFT, 74VHC4052AFT and 74VHC4053AFT can be used in a variety of applications, including in
the system which has two power supplies, and in battery backup circuits.

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125
(3) Low ON-resistance: RON = 45 Ω (typ.) (VCC = 3.0 V)
RON = 24 Ω (typ.) (VCC = 4.5 V)
(4) Low power dissipation: ICC = 2.0 μA (max) (Ta = 25°C)
(5) High noise immunity: VIL = 0.8 V (max) VCC =3.0 V
VIH = 2.0 V (min) VCC =3.0 V
(6) Power down protection is provided on all control inputs.




Similar Part No. - 74VHC4053AFT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC4053 FAIRCHILD-74VHC4053 Datasheet
108Kb / 11P
8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
74VHC4053 FAIRCHILD-74VHC4053 Datasheet
441Kb / 16P
8-Channel Analog Multiplexer
74VHC4053M FAIRCHILD-74VHC4053M Datasheet
108Kb / 11P
8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
74VHC4053M FAIRCHILD-74VHC4053M Datasheet
441Kb / 16P
8-Channel Analog Multiplexer
74VHC4053MTC FAIRCHILD-74VHC4053MTC Datasheet
108Kb / 11P
8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
More results


Similar Description - 74VHC4053AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com