Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC4053AFT Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # 74VHC4053AFT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74VHC4053AFT Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button 74VHC4053AFT Datasheet HTML 5Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 6Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 7Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 8Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 9Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 10Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 11Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 12Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
74VHC4051AFT,74VHC4052AFT,74VHC4053AFT
9
11.4. AC Characteristics (Unless otherwise specified, Ta = 25 �, Input: tr = tf = 3 ns)
Characteristics
Phase difference between
input to output
Output enable time
Output disable time
Control input capacitance
Common terminal capacitance
Switch terminal capacitance
Feedthrough capacitance
Power dissipation capacitance
Part Number
74VHC4051AFT
74VHC4052AFT
74VHC4053AFT
74VHC4051AFT
74VHC4052AFT
74VHC4053AFT
74VHC4051AFT
74VHC4052AFT
74VHC4053AFT
74VHC4051AFT
74VHC4052AFT
74VHC4053AFT
Symbol
φI/O
tPZL,tPZH
tPLZ,tPHZ
CIN
CIS
COS
CIOS
CPD
Test Condition
RL = 1 kΩ
Figure 1
RL = 1 kΩ
Figure 1
All types
Figure 2
Figure 2
Figure 2
Figure 2
(Note 1)
VCC (V)
2.5 ± 0.2
3.3 ± 0.3
5.0 ± 0.5
2.5 ± 0.2
3.3 ± 0.3
5.0 ± 0.5
2.5 ± 0.2
3.3 ± 0.3
5.0 ± 0.5
�
�
�
�
�
CL (pF)
15
50
15
50
15
50
15
50
15
50
15
50
15
50
15
50
15
50
�
�
�
�
�
Min
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
Typ.
1.2
2.6
0.8
1.5
0.3
0.6
3.3
4.2
2.3
3.0
1.6
2.1
6
9.6
4.5
7.2
3.2
5.1
2
23.4
13.1
8.2
5.7
5.6
5.6
0.5
0.5
0.5
15
24
12
Max
10
12
6
9
4
6
15
25
11
18
7
12
15
25
11
18
7
12
�
�
�
�
�
�
�
�
�
�
�
�
�
Unit
ns
ns
ns
pF
pF
pF
pF
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load. Average operating current can be obtained by the equation.
ICC(opr) = CPD × VCC × fIN + ICC
2022-04-26
Rev.6.0
©2015-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com