Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC4053AFT Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # 74VHC4053AFT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74VHC4053AFT Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button 74VHC4053AFT Datasheet HTML 4Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 5Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 6Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 7Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 8Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 9Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 10Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 11Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74VHC4051AFT,74VHC4052AFT,74VHC4053AFT
8
11.3. DC Characteristics (Unless otherwise specified, Ta = -40 to 125 �)
Characteristics
High-level input voltage
Low-level input voltage
ON-resistance
Difference of ON-resistance
between switches
Input/Output leakage current
(Switch OFF)
Input/Output leakage current
(Switch ON, Output OPEN)
Control input leakage current
Quiescent supply current
Symbol
VIH
VIL
RON
∆RON
IOFF
II/O
IIN
ICC
Test Condition
�
�
VIN = VIH or VIL
VI/O = VCC to GND
II/O = 2 mA
VIN = VIH or VIL
VI/O = VCC or GND
II/O = 2 mA
VIN = VIH or VIL
VI/O = VCC to GND
II/O = 2 mA
VOS = VCC or GND
VIS = GND to VCC
VIN = VIH or VIL
VOS = VCC or GND
VIN = VIH or VIL
VIN = VCC or GND
VIN = VCC or GND
VCC (V)
2.0
3.0
4.5
5.5
2.0
3.0
4.5
5.5
2.3
3.0
4.5
2.3
3.0
4.5
2.3
3.0
4.5
5.5
5.5
5.5
5.5
Min
1.5
2.0
3.15
3.85
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
Max
�
�
�
�
0.5
0.8
1.35
1.65
�
125
54
105
55
39
45
25
23
±4.0
±4.0
±2.0
40.0
Unit
V
V
Ω
Ω
µA
µA
µA
µA
2022-04-26
Rev.6.0
©2015-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com