Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC4053AFT Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # 74VHC4053AFT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74VHC4053AFT Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button 74VHC4053AFT Datasheet HTML 6Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 7Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 8Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 9Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 10Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 11Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 12Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 13Page - Toshiba Semiconductor 74VHC4053AFT Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
74VHC4051AFT,74VHC4052AFT,74VHC4053AFT
10
11.5. AC Characteristics
(Unless otherwise specified, Ta = -40 to 85 �, Input: tr = tf = 3 ns)
Characteristics
Phase difference between input to output
Output enable time
Output disable time
Control input capacitance
Symbol
φI/O
tPZL,tPZH
tPLZ,tPHZ
CIN
Test Condition
RL = 1 kΩ
Figure 1
RL = 1 kΩ
Figure 1
�
VCC (V)
2.5 ± 0.2
3.3 ± 0.3
5.0 ± 0.5
2.5 ± 0.2
3.3 ± 0.3
5.0 ± 0.5
2.5 ± 0.2
3.3 ± 0.3
5.0 ± 0.5
�
CL (pF)
15
50
15
50
15
50
15
50
15
50
15
50
15
50
15
50
15
50
�
Min
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
Max
16
18
10
12
7
8
20
32
15
22
10
16
23
32
15
22
10
16
10
Unit
ns
ns
ns
pF
11.6. AC Characteristics
(Unless otherwise specified, Ta = -40 to 125 �, Input: tr = tf = 3 ns)
Characteristics
Phase difference between input to output
Output enable time
Output disable time
Control input capacitance
Symbol
φI/O
tPZL,tPZH
tPLZ,tPHZ
CIN
Test Condition
RL = 1 kΩ
Figure 1
RL = 1 kΩ
Figure 1
�
VCC (V)
2.5 ± 0.2
3.3 ± 0.3
5.0 ± 0.5
2.5 ± 0.2
3.3 ± 0.3
5.0 ± 0.5
2.5 ± 0.2
3.3 ± 0.3
5.0 ± 0.5
�
CL (pF)
15
50
15
50
15
50
15
50
15
50
15
50
15
50
15
50
15
50
�
Min
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
Max
20
22
13
14
9
9.5
23.5
37
18
25
12
19
28.5
37
18
25
12
19
10
Unit
ns
ns
ns
pF
2022-04-26
Rev.6.0
©2015-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com